Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMG-PI004 Datasheet(PDF) 5 Page - alpha microelectronics gmbh

Part # AMG-PI004
Description  H-Bridge/Full Bridge Array of P and N channel MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA-MICRO [alpha microelectronics gmbh]
Direct Link  http://www.alpha-microelectronics.de
Logo ALPHA-MICRO - alpha microelectronics gmbh

AMG-PI004 Datasheet(HTML) 5 Page - alpha microelectronics gmbh

  AMG-PI004 Datasheet HTML 1Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 2Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 3Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 4Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 5Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 6Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 7Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 8Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 9Page - alpha microelectronics gmbh Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AMG-PI004
H-Bridge/Full Bridge Array of P and N channel MOSFETs
7. Absolute Maximum Ratings
The Absolute Maximum Ratings may not be exceeded under any circumstances.
#
Symbol
Parameter
N-CH
P-Ch
Unit
1
VDS
Drain-Source Voltage
60
-60
V
2
ID
Drain Current - Continuous @VGS=10V @TC=25
5.1
-4.2
A
Drain Current - Continuous @ VGS=10V1
、TC=70℃
4.2
-3.5
A
3
IDM
Pulsed Drain Current²
15
-12
A
4
VGS
Gate-Source Voltage
± 20
± 20
V
5
PD
Power Dissipation4 (TC= 25°C)
2.2
2.2
W
6
TJ, TSTG
Operating and Storage Temperature Range
-55 to 150
Note(s): none
8. Electrical Characteristics
8.1. Thermal Data
#
Symbol
Parameter
Typ
Max
Unit
1
RθJA
Thermal Resistance Junction-ambient ¹
-
328.15
K/W
2
RθJC
Thermal Resistance Junction-Case¹
-
277.15
K/W
8.2. N-Channel Electrical Characteristics
Tj = 25°C unless otherwise noted
#
Symbol
Parameter
Conditions
Min Typ
Max Unit
Off Characteristics
1
BVDSS
Drain-Source Breakdown
VGS=0V , ID=250uA
60
-
-
V
2
△BVDSS
/
△TJ
BVDSS Temperature Coefficient Reference to 25
℃ ,
ID=1mA
-
0,06
3
-
V/
3
IDSS
Drain-Source Leakage Current
VDS=48V , VGS=0V ,
TJ=25
-
-
1
uA
VDS=48V , VGS=0V ,
TJ=55
-
-
5
4
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
-
-
±100 nA
On Characteristics
1
VGS(th)
Gate Threshold Voltage
VGS=VDS, ID=250uA
1,2
-
2,5
V
2
△VGS(th)
VGS(th) Temperature Coefficient
-
-5.24
-
mV/
AMG-PI004
Revision: B
06.11.12
© All rights reserved
Page 5 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com