Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMG-PI004 Datasheet(PDF) 8 Page - alpha microelectronics gmbh

Part # AMG-PI004
Description  H-Bridge/Full Bridge Array of P and N channel MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA-MICRO [alpha microelectronics gmbh]
Direct Link  http://www.alpha-microelectronics.de
Logo ALPHA-MICRO - alpha microelectronics gmbh

AMG-PI004 Datasheet(HTML) 8 Page - alpha microelectronics gmbh

Back Button AMG-PI004 Datasheet HTML 4Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 5Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 6Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 7Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 8Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 9Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 10Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 11Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 12Page - alpha microelectronics gmbh Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AMG-PI004
H-Bridge/Full Bridge Array of P and N channel MOSFETs
2. The data tested by pulse, pulse width
3. The EAS data shows MAX. rating. The test condition is VDD=-25V,VGS=-10V,L=0.1mH,IAS=-26.6A
4. The power dissipation is limited by 150
℃ junction temperature.
5. The data is theoretically the same as ID and IDM , in real applications , should be limited by total
power dissipation.
9. N-channel Typical Characteristics
AMG-PI004
Revision: B
06.11.12
© All rights reserved
Page 8 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com