Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMG-PI004 Datasheet(PDF) 6 Page - alpha microelectronics gmbh

Part # AMG-PI004
Description  H-Bridge/Full Bridge Array of P and N channel MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA-MICRO [alpha microelectronics gmbh]
Direct Link  http://www.alpha-microelectronics.de
Logo ALPHA-MICRO - alpha microelectronics gmbh

AMG-PI004 Datasheet(HTML) 6 Page - alpha microelectronics gmbh

Back Button AMG-PI004 Datasheet HTML 2Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 3Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 4Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 5Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 6Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 7Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 8Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 9Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 10Page - alpha microelectronics gmbh Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AMG-PI004
H-Bridge/Full Bridge Array of P and N channel MOSFETs
#
Symbol
Parameter
Conditions
Min Typ
Max Unit
2
RDS(ON)
Static Drain-Source On-
Resistance²
VGS=10V , ID=5A
-
34
40
mΩ
VGS=4.5V , ID=4A
-
37
48
3
gfs
Forward Transconductance
VDS=5V , ID=4A
-
28
-
S
Dynamic Characteristics
1
Ciss
Input Capacitance
VDS=15V, VGS=0V,
f=1MHz
-
1378
-
pF
2
Coss
Output Cap
-
86
-
3
Crss
Reverse Transfer Capacitance
-
64
-
Switching Characteristics
1
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
-
3.2
6.4
Ω
2
Qg
Total Gate Charge (4.5V)
VDS=48V, VGS=4.5V, ID=4A
-
12.6
-
nC
3
Qgs
Gate-Source Charge
-
3.2
-
4
Qgd
Gate-Drain Charge
VDS=48V, VGS=4.5V, ID=4A
-
6.3
-
nC
5
Td(on)
Turn-On Delay Time
VDD=30V , VGS=10V
RG=3.3Ω ID=4A
-
8
-
ns
6
Tr
Rise Time
-
14.2
-
7
Td(off)
Turn-off Delay Time
-
24.4
-
8
Tf
Fall Time
-
4.6
-
Drain-Source Diode Characteristics and Maximum Ratings
1
IS
Continuous Source Current1,4
VG=VD=0V , Force Current
-
-
5.1 A
2
ISM
Pulsed Source Current2,4
-
-
12 A
3
VSD
Diode Forward Voltage²
VGS=0V , IS=1A , TJ=25
℃
-
-
1.2 V
Note(s):
1. The data tested by surface mounted on a 1 inch² FR-4 board with 2OZ copper.
2. The data tested by pulsed, pulse width
≦ 300us , duty cycle ≦ 2%
3. The EAS data shows Max. rating . The test condition is VDD=25V,VGS=10V, L=0.1mH, IAS=22.6A
4. The power dissipation is limited by 150
℃ junction temperature.
5. The data is theoretically the same as ID and IDM, in real applications, should be limited by total power
dissipation.
AMG-PI004
Revision: B
06.11.12
© All rights reserved
Page 6 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com