Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMG-PI004 Datasheet(PDF) 1 Page - alpha microelectronics gmbh

Part # AMG-PI004
Description  H-Bridge/Full Bridge Array of P and N channel MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA-MICRO [alpha microelectronics gmbh]
Direct Link  http://www.alpha-microelectronics.de
Logo ALPHA-MICRO - alpha microelectronics gmbh

AMG-PI004 Datasheet(HTML) 1 Page - alpha microelectronics gmbh

  AMG-PI004 Datasheet HTML 1Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 2Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 3Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 4Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 5Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 6Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 7Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 8Page - alpha microelectronics gmbh AMG-PI004 Datasheet HTML 9Page - alpha microelectronics gmbh Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
AMG-PI004
H-Bridge/Full Bridge Array of P and N channel MOSFETs
1. Functional Description of the AMG-PI004
The AMG-PI004 is built by utilizing one of the latest state-of-the-art trench technologies to
achieve ultra low resistance RDS(on) for the power MOSFETs. The complementary H-bridge
consists of 2 PMOS/NMOS transistor pairs. Based on this trench-technology the input gate
capacity is very low, so that high switching frequencies are possible thus making it ideal for
use in different applications. The DFN8 package is footprint compatible with the SOP8
package, making the H-bridge an ideal choice for wide spread off high efficiency applications
for motor driving, lighting, and power management.
2. Features
Supply voltage 5VDC...60VDC
Complementary N/P-MOS H-Bridge
60V/5.1A/ RDS(on) =34mΩ(typ)
-60V/-4.2A/ RDS(on) =54mΩ(typ)
Low QG of 9.86/12.6nC for PMOS/NMOS
Low CISS of 1447pF/1378pF for PMOS/NMOS
Low voltage gate drive VGS = ±20V
RoHS compliant and green product
Temperature Range -55C…+150C
DFN8L (5mm x 6mm x 0.75 mm)
3. Application
The AMG-PI004 is suitable for motor driving, lighting and power management.
AMG-PI004
Revision: B
06.11.12
© All rights reserved
Page 1 of 20


Similar Part No. - AMG-PI004

ManufacturerPart #DatasheetDescription
logo
alpha microelectronics ...
AMG-PP130 ALPHA-MICRO-AMG-PP130 Datasheet
270Kb / 2P
FACT SHEET
AMG-PS131 ALPHA-MICRO-AMG-PS131 Datasheet
279Kb / 2P
FACT SHEET
AMG-PS132 ALPHA-MICRO-AMG-PS132 Datasheet
281Kb / 2P
FACT SHEET
AMG-PU005 ALPHA-MICRO-AMG-PU005 Datasheet
657Kb / 14P
Analog System Base Chip, I/O PowerStage, OP-Amps
More results

Similar Description - AMG-PI004

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA5007 SANKEN-SLA5007 Datasheet
30Kb / 2P
N-channel P-channel H-bridge
SLA5008 SANKEN-SLA5008 Datasheet
31Kb / 2P
N-channel P-channel H-bridge
SLA5013 SANKEN-SLA5013 Datasheet
30Kb / 2P
N-channel P-channel H-bridge
SLA5018 SANKEN-SLA5018 Datasheet
30Kb / 2P
N-channel P-channel H-bridge
SMA5103 SANKEN-SMA5103 Datasheet
29Kb / 2P
N-channel P-channel H-bridge
logo
Texas Instruments
TPIC5404 TI1-TPIC5404 Datasheet
270Kb / 15P
H-BRIDGE POWER DMOS ARRAY
logo
International Rectifier
IRFH7084PBF IRF-IRFH7084PBF Datasheet
788Kb / 10P
Half-bridge and full-bridge topologies
IRFH7084PBF IRF-IRFH7084PBF_15 Datasheet
715Kb / 11P
Half-bridge and full-bridge topologies
IRFH7085PBF IRF-IRFH7085PBF_15 Datasheet
508Kb / 11P
Half-bridge and full-bridge topologies
logo
Infineon Technologies A...
IRL60S216 INFINEON-IRL60S216 Datasheet
722Kb / 12P
Half-bridge and full-bridge topologies
2016-1-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com