Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLZ2012A3R3W Datasheet(PDF) 22 Page - Texas Instruments

Part # MLZ2012A3R3W
Description  EEG Front-End Performance Demonstration Kit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MLZ2012A3R3W Datasheet(HTML) 22 Page - Texas Instruments

Back Button MLZ2012A3R3W Datasheet HTML 18Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 19Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 20Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 21Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 22Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 23Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 24Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 25Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
Using the Software: ADS1299 Control Registers and GUI
www.ti.com
Figure 21. Simplified Diode Arrangement
The output voltage corresponding to a given temperature can be read selecting the Temperature Sensor
option on the Channel Control Registers GUI (see Figure 17) and verified using the Analysis
→Scope tab
as shown in Figure 22. The number 0.146V (on the y-axis) can be calculated as a temperature using
Equation 1:
Temperature = (0.146 – 0.145300) / 0.00049 + 25 = 26.4°C
It should be noted that the temperature sensor input cannot be used with a gain setting of 24 as it will
saturate the PGA output.
Figure 22. Eight Channel Read of Internal Temperature Data
22
EEG Front-End Performance Demonstration Kit
SLAU443 – May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com