Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLZ2012A3R3W Datasheet(PDF) 23 Page - Texas Instruments

Part # MLZ2012A3R3W
Description  EEG Front-End Performance Demonstration Kit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MLZ2012A3R3W Datasheet(HTML) 23 Page - Texas Instruments

Back Button MLZ2012A3R3W Datasheet HTML 19Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 20Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 21Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 22Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 23Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 24Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 25Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 26Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
www.ti.com
Using the Software: ADS1299 Control Registers and GUI
5.3.3
Normal Electrode Input
The Normal electrode input on the MUX routes the inputs (VINP and VINN) differentially to the internal
PGA, as Figure 17 illustrates. An exception is if the SRB1 bit is set high. If channel is in Normal electrode
mode and SRB1 bit is set high the signal on SRB1 pin is routed to negative inputs of all channels instead
of VINN inputs.
5.3.4
MV
DD Input and the Scope Tab
The MV
DD input option allows the measurement of the supply voltage VS = (AVDD + AVSS)/2 for channels 1,
2, 5, 6, 7, and 8; however, the supply voltage for channel 3 and 4 will be DV
DD/4. As an example, in
bipolar supply mode, AV
DD = 3.0V and AVSS = –2.5V. Therefore, with the PGA gain = 1, the output voltage
measured by the ADC will be approximately 0.25V.
5.3.5
Bias Measurement
This measurement takes the voltage at the BIASIN pin and measures it on the PGA with respect to
(AVDD + AVSS)/2 or BIASREF. This option can be used to give a calibration/test signal to ADS1299
device without connecting the calibration/test signal to the electrodes. The positive signal can be applied
to BIASIN pin and the negative input can be applied to the BIASREF pin. More details on this can be
found in Section 7.3.
5.3.6
Bias Positive Electrode Drive and Bias Negative Electrode
This option can be used to have a selectable bias electrode. This option routes the signal on BIASIN pin
to any of positive or negative pins of the channel inputs.
5.4
GPIO and Other Registers
The GPIO and Other Registers tab, located under the Analysis tab, includes controls for GPIO1 through
GPIO4, SRB1 control, pulse mode control and lead off comparators power down. The GPIO registers
control four general-purpose I/O pins. Figure 23 illustrates the GPIO Control Register GUI panel.
Figure 23. GPIO Control Register GUI Panel
5.5
Lead-Off and BIAS Registers
The Lead-Off Detection and Current Control Registers and the Bias Derivation Control Registers are
located under the ADC Register
→LOFF and BIAS tab.
23
SLAU443 – May 2012
EEG Front-End Performance Demonstration Kit
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com