Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLZ2012A3R3W Datasheet(PDF) 25 Page - Texas Instruments

Part # MLZ2012A3R3W
Description  EEG Front-End Performance Demonstration Kit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MLZ2012A3R3W Datasheet(HTML) 25 Page - Texas Instruments

Back Button MLZ2012A3R3W Datasheet HTML 21Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 22Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 23Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 24Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 25Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 26Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 27Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 28Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
www.ti.com
Using the Software: ADS1299 Control Registers and GUI
5.5.2
Lead-Off Status Registers (LOFF_STATP and LOFF STATN)
These registers store the output of the lead-off comparator that corresponds with each input. When a lead
is disconnected, the corresponding register bit activates low. The GUI for this feature is enabled by
clicking in the upper right-hand corner of the EVM software on the Show/Poll Lead-Off Status button.
Pressing this button causes a pop-up box that shows the status of the lead-off registers. The GUI shows
when a lead is disconnected by turning its bit from green to red. Figure 26 illustrates the Lead-Off Status
Registers GUI controls.
Figure 26. Lead-Off Status Indicator
5.5.3
Bias Drive Derivation Control Registers
The Bias Drive Derivation Control Registers enable the user to set any combination of positive and/or
negative electrodes to derive the BIAS voltage that is fed to the internal bias drive amplifier. Figure 27
shows the corresponding GUI controls. The details about bias drive can be found in Section 5.5.
25
SLAU443 – May 2012
EEG Front-End Performance Demonstration Kit
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com