Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLZ2012A3R3W Datasheet(PDF) 57 Page - Texas Instruments

Part # MLZ2012A3R3W
Description  EEG Front-End Performance Demonstration Kit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MLZ2012A3R3W Datasheet(HTML) 57 Page - Texas Instruments

Back Button MLZ2012A3R3W Datasheet HTML 53Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 54Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 55Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 56Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 57Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 58Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 59Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 60Page - Texas Instruments MLZ2012A3R3W Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
www.ti.com
Bill of Materials, Layouts and Schematics
9.3
Bill of Materials
Table 10 lists the bill of materials for the ADS1299ECG-FE.
Table 10. Bill of Materials
Qty
Ref Des
Description
MFR
Part Number
1
NA
Printed Wiring Board
TI
6541979
19
C1, C2, C3, C4, C5, C6, C11, C17, C23, C24, C47, C48,
CAP CER 1UF 25V, 10% X5R 0603
Murata
GRM188R61E105KA12D
C49, C58, C62, C76, C77, C97, C99
0
C7, C8, C15, C19, C21, C22, C34, C38, C40, C41, C42,
Not Installed
C43, C98
3
C9, C68, C71
CAP CER 100UF 10V, 20% X5R 1210
Taiyo Yuden
LMK325BJ107MM-T
9
C10, C45, C46, C50, C51, C60, C61, C65, C66
CAP CER 10UF 10V, 10% X5R 0805
Murata
GRM219R61A106KE44D
10
C12, C13, C14, C16, C18, C57, C69, C70, C94, C95
CAP CER 0.1UF 50V, 10% X7R 0603
Murata
GRM188R71H104KA93D
2
C20, C67
CAP CER 10000PF 50V, 10% X7R 0603
Murata
GRM188R71H103KA01D
0
C33, C35
Not Installed
0
C39
Not Installed
3
C59, C63, C64
CAP CER 2.2UF 6.3V, 10% X5R 0603
Murata
GRM185R60J225KE26D
17
C72, C73, C75, C80, C81, C82, C83, C84, C85, C86, C87,
CAP CER 4700PF 50V, 10% X7R 0603
Murata
GRM188R71H472KA01D
C88, C89, C90, C91, C92, C93
1
AIN1
CONN SMA JACK STRAIGHT PCB
Amphenol
132134
Emerson
142-0701-201
1
J3 (Top)
10 Pin, Dual Row, SM Header (20 Pos.)
Samtec
TSM-110-01-T-DV-P
2
J2, J3 (Bottom)
10 Pin, Dual Row, SM Header (20 Pos.)
Samtec
SSW-110-22-F-D-VS-K
1
J4 (Bottom)
5 Pin, Dual Row, SM Header (10 Pos.)
Samtec
SSW-105-22-F-D-VS-K
0
J5
Not Installed
1
J6
18 Pin, Dual Row, Header (36 Pos.)
Samtec
SSW-118-21-F-D
11
JP1, JP2, JP6, JP7, JP8, JP18, JP20, JP21, JP22, JP23,
3 Position Jumper 0.1" spacing
Samtec
TSW-103-07-T-S
JP24
0
JP3
Not Installed
4
JP4, JP5, JP17, JP19
2 Pin 0.1inch, Header
Samtec
TSW-102-07-T-S
1
JP25
3 Pin, Dual Row, Header (6 Pos.)
Samtec
TSW-103-07-T-D
4
L1, L2, L4, L5
INDUCTOR MULTILAYER 3.3UH 0805
TDK
MLZ2012A3R3W
1
OSC1
OSC 2.0480 MHZ 3.3 V, HCMOS SMT
Fox
FXO-HC735-2.048MHZ
0
R1, R4, R5, R47, R48, R49, R50, R51, R52, R53, R56, R57,
Not Installed
R68, R69, R70
0
R2
Not Installed
6
R3, R25, R71, R72, R73, R74
RES 0.0 OHM 1/10W 5% 0603 SMD
Yageo
RC0603JR-070RL
4
R6, R7, R67, R75
RES 10.0K OHM 1/10W 1% 0603 SMD
Yageo
RC0603FR-0710KL
1
R8
RES 392K OHM 1/10W 1% 0603 SMD
Yageo
RC0603FR-07392KL
19
R10, R11, R12, R80, R81, R82, R83, R84, R85, R86, R87,
RES 4.99K OHM 1/10W 1% 0603 SMD
Yageo
RC0603FR-074K99L
R88, R89, R90, R91, R92, R93, R94, R95
3
R13, R14, R15
RES 0.0 OHM 1/16W 0402 SMD
Yageo
RC0402JR-070RL
0
R16, R17, R18
Not Installed
2
R23, R24
RES 2.0M OHM 1/10W 5% 0603 SMD
Yageo
RC0603JR-072ML
57
SLAU443 – May 2012
EEG Front-End Performance Demonstration Kit
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com