Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS331AP Datasheet(PDF) 6 Page - STMicroelectronics

Part # LPS331AP
Description  MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS331AP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LPS331AP Datasheet HTML 2Page - STMicroelectronics LPS331AP Datasheet HTML 3Page - STMicroelectronics LPS331AP Datasheet HTML 4Page - STMicroelectronics LPS331AP Datasheet HTML 5Page - STMicroelectronics LPS331AP Datasheet HTML 6Page - STMicroelectronics LPS331AP Datasheet HTML 7Page - STMicroelectronics LPS331AP Datasheet HTML 8Page - STMicroelectronics LPS331AP Datasheet HTML 9Page - STMicroelectronics LPS331AP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Mechanical and electrical specifications
LPS331AP
6/36
Doc ID 022112 Rev 7
2.2
Electrical characteristics
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min. Typ.(1)
1.
Typical specifications are not guaranteed.
Max.
Unit
Vdd
Supply voltage
1.71
–
3.6
V
Vdd_IO IO supply voltage
1.71
–
3.6
V
Idd
Supply current @ ODRp 1 Hz and
ODRt = 1Hz
see Table 5
µA
IddPdn
Supply current in power-down mode
T = 25 °C
–0.5
–
µA
Table 5.
Supply current at ODRp 1 Hz, ODRt 1 Hz
Symbol
RES_CONF (hex)
Min.
Typ.
Max.
Unit
Idd
73
–
5.5
–
µA
75
–
6.6
–
77
–
11.5
–
78
–
17.5
–
7A
–
30.0
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com