Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS331AP Datasheet(PDF) 17 Page - STMicroelectronics

Part # LPS331AP
Description  MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS331AP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LPS331AP Datasheet HTML 13Page - STMicroelectronics LPS331AP Datasheet HTML 14Page - STMicroelectronics LPS331AP Datasheet HTML 15Page - STMicroelectronics LPS331AP Datasheet HTML 16Page - STMicroelectronics LPS331AP Datasheet HTML 17Page - STMicroelectronics LPS331AP Datasheet HTML 18Page - STMicroelectronics LPS331AP Datasheet HTML 19Page - STMicroelectronics LPS331AP Datasheet HTML 20Page - STMicroelectronics LPS331AP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
LPS331AP
Register description
Doc ID 022112 Rev 7
17/36
7
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
pressure and temperature data. The register address, made up of 7 bits, is used to identify
them and to read/write the data through the serial interface.
REF_P_XL
Reference pressure (LSB data)
Address:
08h
Type:
R/W
Reset:
00h
Description:
This reference pressure register contains the lower part of the reference pressure that
is sum to the sensor output pressure. The full value is REF_P_XL & REF_P_H &
REF_P_L and is represented as 2’s complement.
REF_P_L
Reference pressure (middle part)
Address:
09h
Type:
R/W
Reset:
00h
Description:
This register contains the middle part of the reference pressure that is sum to the
sensor output pressure.
The full value is REF_P_XL & REF_P_H & REF_P_L and is represented as 2’s
complement.
76
543
210
REFL7
REFL6
REFL5
REFL4
REFL3
REFL2
REFL1
REFL0
[7:0] REFL7 - REFL0: Reference pressure LSB data. Default value: 00h
16
15
14
13
12
11
10
9
REFL15
REFL14
REFL13
REFL12
REFL11
REFL10
REFL9
REFL8
[16:9] REFL15 - REFL8: Default value: 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com