Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS331AP Datasheet(PDF) 30 Page - STMicroelectronics

Part # LPS331AP
Description  MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS331AP Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LPS331AP Datasheet HTML 26Page - STMicroelectronics LPS331AP Datasheet HTML 27Page - STMicroelectronics LPS331AP Datasheet HTML 28Page - STMicroelectronics LPS331AP Datasheet HTML 29Page - STMicroelectronics LPS331AP Datasheet HTML 30Page - STMicroelectronics LPS331AP Datasheet HTML 31Page - STMicroelectronics LPS331AP Datasheet HTML 32Page - STMicroelectronics LPS331AP Datasheet HTML 33Page - STMicroelectronics LPS331AP Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
Register description
LPS331AP
30/36
Doc ID 022112 Rev 7
AMP_CTRL
Analog front end control
Address:
2Dh
Type:
R/W
Reset:
00h
DELTA_PRESS_XL (3Ch)
Pressure offset
Address:
3Ch
Type:
R/W
Reset:
00h
DELTA_PRESS_L (3Dh)
Pressure offset
Address:
3Dh
Type:
R/W
Reset:
00h
76
54
321
0
RESERVED
SELMAIN
[7:1] RESERVED
[0] SELMAIN: Current of operational amplifier selector
‘1’ always high current
‘0’ high current during pressure acquisition and low current during temperature acquisition
76
54
321
0
DELTA7
DELTA6
DELTA5
DELTA4
DELTA3
DELTA2
DELTA1
DELTA0
[7:0] DELTA0 - DELTA7: Delta pressure register for One Point calibration
15
14
13
12
11
10
9
8
DELTA15
DELTA14
DELTA13
DELTA12
DELTA11
DELTA10
DELTA9
DELTA8
[15:8] DELTA15-DELTA8: Delta pressure register for One Point calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com