Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS331AP Datasheet(PDF) 14 Page - STMicroelectronics

Part # LPS331AP
Description  MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS331AP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LPS331AP Datasheet HTML 10Page - STMicroelectronics LPS331AP Datasheet HTML 11Page - STMicroelectronics LPS331AP Datasheet HTML 12Page - STMicroelectronics LPS331AP Datasheet HTML 13Page - STMicroelectronics LPS331AP Datasheet HTML 14Page - STMicroelectronics LPS331AP Datasheet HTML 15Page - STMicroelectronics LPS331AP Datasheet HTML 16Page - STMicroelectronics LPS331AP Datasheet HTML 17Page - STMicroelectronics LPS331AP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Digital interfaces
LPS331AP
14/36
Doc ID 022112 Rev 7
Figure 6.
Multiple bytes SPI read protocol (2 bytes example)
5.3.2
SPI write
Figure 7.
SPI write protocol
The SPI Write command is performed with 16 clock pulses. The multiple byte write
command is performed adding blocks of 8 clock pulses at the previous one.
bit 0: WRITE bit. The value is 0.
bit 1: MS bit. When 0 do not increment the address, when 1 increment the address in
multiple writings.
bit 2 -7: address AD(5:0). This is the address field of the indexed register.
bit 8-15: data DI(7:0) (write mode). This is the data that is written in the device (MSb first).
bit 16-... : data DI(...-8). Further data in multiple byte writings.
Figure 8.
Multiple bytes SPI write protocol (2 bytes example)
CS
SPC
SDI
SDO
RW
DO7DO6 DO5DO4 DO3DO2 DO1DO0
AD5 AD4 AD3 AD2 AD1 AD0
DO15DO14DO13DO12DO11DO10DO9 DO8
MS
CS
SPC
SDI
RW
DI7
DI6
DI5
DI4
DI3
DI2
DI1
DI0
AD5 AD4 AD3 AD2 AD1 AD0
MS
CS
SPC
SDI
RW
AD5 AD4 AD3 AD2 AD1 AD0
DI7 DI6 DI5 DI4 DI3 DI2 DI1 DI0 DI15 DI14 DI13 DI12 DI11 DI10 DI9 DI8
MS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com