Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8728SEDS/RV Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8728SEDS/RV
Description  24-bit, 192kHz Stereo DAC with Volume Control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8728SEDS/RV Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8728SEDS/RV Datasheet HTML 1Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 2Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 3Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 4Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 5Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 6Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
WM8728
Production Data
w
PD, Rev 4.6, August 2008
4
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
LRCIN
Digital Input
DAC Sample Rate Clock Input: PCM Input Mode
2
DIN
Digital Input
Serial Audio Data Input: PCM Input Mode
3
BCKIN
Digital Input
Audio Data Bit Clock Input
4
MCLK
Digital Input
Master Clock Input
5
ZERO
Digital Output (Open drain)
Infinite ZERO Detect Flag (L = IZD detected, H = IZD not detected).
6
DGND
Supply
Digital Ground Supply
7
DVDD
Supply
Digital Positive Supply
8
VOUTR
Analogue Output
Right Channel DAC Output
9
AGND
Supply
Analogue Ground Supply
10
AVDD
Supply
Analogue Positive Supply
11
VOUTL
Analogue Output
Left Channel DAC Output
12
VMID
Analogue Output
Mid Rail Decoupling Point
13
VREFN
Supply
DAC Negative Reference – normally AGND, must not be below AGND
14
VREFP
Supply
DAC Positive Reference – normally AVDD, must not be above AVDD
15
CSBIWL
Digital Input
(pull-up)
Software Mode: 3-Wire Serial Control Chip Select
Hardware Mode: Input Word Length
16
MODE
Digital Input (pull-down)
Control Mode Selection (L = Hardware, H = Software)
17
MUTEB
Digital Bi-directional
Mute Control (L = Mute on, H = Mute off, Z = Automute Enabled)
18
SDIDEM
Digital Bi-directional
Software Mode: 3 or 2-Wire Serial Control Data Input:
Hardware Mode: De-Emphasis Select
19
SCK
Digital Input (pull-down)
Software Mode: 3 or 2-Wire Serial Control Clock Input
20
LATI2S
Digital Input
(pull-up)
Software Mode 3-Wire Serial Control Load Input
Hardware Mode: Input Data Format Selection
Note:
Digital input pins have Schmitt trigger input buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com