Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8728SEDS/RV Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8728SEDS/RV
Description  24-bit, 192kHz Stereo DAC with Volume Control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8728SEDS/RV Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8728SEDS/RV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
WM8728
Production Data
w
PD, Rev 4.6, August 2008
14
DEVICE DESCRIPTION
INTRODUCTION
The WM8728 is a high performance DAC designed for digital consumer audio applications. Its
range of features makes it ideally suited for use in DVD players, AV receivers and other high-end
consumer audio equipment.
WM8728 is a complete 2-channel stereo audio digital-to-analogue converter, including digital
interpolation filter, multi-bit sigma delta with dither, switched capacitor multi-bit stereo DAC and
output smoothing filters. The WM8728 includes an on-chip digital volume control, configurable
digital audio interface and a 2 or 3 wire MPU control interface. It is fully compatible and an ideal
partner for a range of industry standard microprocessors, controllers and DSPs.
Control of internal functionality of the device is by either hardware control (pin programmed) or
software control (2 or 3-wire serial control interface). The MODE pin selects between hardware
and software control. The software control interface may be asynchronous to the audio data
interface. In which case control data will be re-synchronised to the audio processing internally.
Operation using a master clock of 256fs, 384fs, 512fs or 768fs is provided, selection between
clock rates being automatically controlled in hardware mode, or serial controlled when in software
mode. Sample rates (fs) from less than 8ks/s to 96ks/s are allowed, provided the appropriate
master clock is input. Support is also provided for up to 192ks/s using a master clock of 128fs or
192fs.
The audio data interface supports right justified, left justified and I2S (Philips left justified, one bit
delayed) interface formats along with a highly flexible DSP serial port interface. When in hardware
mode, the three serial interface pins become control pins to allow selection of, input data format
type (I2S or right justified), input word length (20 or 24 bit) and de-emphasis functions.
The device is packaged in a small 20-pin SSOP.
CLOCKING SCHEMES
In a typical digital audio system there is only one central clock source producing a reference clock
to which all audio data processing is synchronised. This clock is often referred to as the audio
system’s Master Clock. The external master system clock can be applied directly through the
MCLK input pin with no software configuration necessary for sample rate selection.
Note that on the WM8728, MCLK is used to derive clocks for the DAC path. The DAC path
consists of DAC sampling clock, DAC digital filter clock and DAC digital audio interface timing. In
a system where there are a number of possible sources for the reference clock it is recommended
that the clock source with the lowest jitter be used to optimise the performance of the DAC.
WM8728 always acts as a slave and requires clocks to be inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com