Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8728SEDS/RV Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8728SEDS/RV
Description  24-bit, 192kHz Stereo DAC with Volume Control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8728SEDS/RV Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8728SEDS/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
WM8728
Production Data
w
PD, Rev 4.6, August 2008
20
SOFTWARE CONTROL INTERFACE
The software control interface may be operated using a 2-wire interface compatible or 3-wire (SPI-
compatible) interface.
SELECTION OF CONTROL MODE
The WM8728 may be programmed to operate in hardware or software control modes. This is
achieved by setting the state of the MODE pin.
MODE
INTERFACE FORMAT
0
Hardware Control Mode
1
Software Control Mode
Table 6 Control Interface Mode Selection
3-WIRE (SPI COMPATIBLE) SERIAL CONTROL MODE
In this mode, SDIDEM is used for the program data, SCK is used to clock in the program data
and LATI2S is used to latch in the program data. The 3-wire interface protocol is shown in Figure
17.
Figure 17 3-Wire Serial Interface
Notes:
1.
B[15:9] are Control Address Bits
2.
B[8:0] are Control Data Bits
3.
CSBIWL needs to be low during writes – see Figure 8
2-WIRE SERIAL CONTROL MODE
In 2-wire mode, which is the default, SDIDEM is used for the program data and SCK is used to
clock in the program data see Figure 18.
WM8728 has an address of 001101X (binary) which represents an audio device. The final
address digit is dependent on pin CSBIWL, which should be tied to either DVDD or DGND. This
allows the device to have a choice of two identification header addresses used in the 2 wire
interface word. This feature allows more than one WM8728 device to be present on the interface
bus.
LATI2S should be tied to either DVDD or DGND, as it is unused. This pin if toggled from low to
high and high to low, will cause the device to enter the 3-wire interface mode and cannot be
placed back into 2-wire mode except by toggling the MODE pin, or powering off the device.
Figure 18 2-Wire Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com