Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8728SEDS/RV Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8728SEDS/RV
Description  24-bit, 192kHz Stereo DAC with Volume Control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8728SEDS/RV Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8728SEDS/RV Datasheet HTML 9Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8728SEDS/RV Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
WM8728
Production Data
w
PD, Rev 4.6 August 2008
13
MPU 2-WIRE INTERFACE TIMING
Figure 9 Program Register Input Timing - 2-Wire Serial Control Mode
Test Conditions
AVDD, DVDD = 5V, AGND = 0V, DGND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Program Register Input Information
SCK pulse cycle time
tSCY
80
ns
SCK pulse width low
tSCL
20
ns
SCK pulse width high
tSCH
20
ns
SDIDEM to SCK data set-up
time for start signal
tSSU
10
ns
SDIDEM from SCK data hold
time for start signal
tSHD
10
ns
SDIDEM to SCK data set-up
time
tDSU
20
ns
SCK to SDIDEM data hold time
tDHD
20
ns
SCK rise time
tSCR
5
ns
SCK fall time
tSCF
5
ns
SDIDEM rise time
tDR
5
ns
SDIDEM fall time
tDF
5
ns
SDIDEM to SCK data set-up
time for stop signal
tESU
10
ns
Notes:
1.
The address for the device in the 2-wire mode is 001101X (binary) with the last bit selectable.
2.
In the two-wire interface mode, the CSBIWL pin indicates the final bit of the chip address.
3.
In 2-wire mode the LATI2S pin should be tied to either DGND or DVSS to avoid noise toggling the interface into 3-wire
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com