Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8860 Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 184 page
background image
Pre-Production
WM8860
w
PP, April 2011, Rev 3.2
49
SAMPLE RATE
BASE
MULT
DIV
8kHz
0h
0h
5h
11.025kHz
1h
0h
3h
16kHz
0h
0h
2h
22.05kHz
1h
0h
1h
24kHz
0h
0h
1h
32kHz
0h
1h
2h
44.1kHz
1h
0h
0h
48kHz
0h
0h
0h
88.2kHz
1h
1h
0h
96kHz
0h
1h
0h
176.4kHz
1h
3h
0h
192kHz
0h
3h
0h
Table 21 DAC1 Supported Sample Rate Settings
Note: Other settings of Base, Mult and Div are reserved and should not be set.
DAC1 provides digital gain, allowing the signal level to be adjusted between 0dB and −63.5dB in
0.5dB steps. Gain can be applied to left and right channels independently if required. Additionally, a
digital softmute function is available – again this can be applied to separate channels as required.
The gain of DAC1 is controlled using the Amplifier Gain/Mute Verb.
Note: When Port-A is configured to drive headphones (H-Phn Enable = 1) the actual gain settings
applied will be adjusted by a further −8.0dB. This changes the effective gain range to −71.5dB to
−8.0dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com