Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8860 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8860 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 184 page
background image
w
WM8860
Multi-Channel High Definition Audio CODEC
WOLFSON MICROELECTRONICS plc
Pre-Production, June 2011, Rev 3.3
Copyright
2011 Wolfson Microelectronics plc
DESCRIPTION
The WM8860 is a high performance multi-channel audio
CODEC designed for high performance portable PC audio
systems. The device offers full compatibility with the Intel High
Definition Audio (HDA) specification revision 1.0, allowing
seamless integration with industry-standard HDA controllers.
The WM8860 has two high performance stereo DACs to enable
four channels of high definition audio.
A high-performance
ground-referenced stereo headphone amplifier utilises advanced
charge pump and DC servo technology to minimise system cost
and space without compromise on audio quality. A balanced
line output, which can provide a differential connection to an
external speaker amplifier, is also provided and enables
common mode noise rejection when these traces are routed
across a PCB.
The WM8860 also has two high performance stereo ADCs to
provide Hi-Fi quality analogue line-in and microphone input
digitisation. A low noise microphone bias with programmable
output voltage is provided. Additionally, the CODEC contains a
digital microphone interface capable of supporting up to four
independent digital microphones. One differential stereo input is
provided for line level signals, while one pseudo-differential
stereo input with integrated microphone preamplifier is provided.
The WM8860 also contains a S/PDIF transmitter which is fully
compatible with IEC-60958-3. Two dedicated GPIO pins are
provided, enabling control of external amplifiers or other
additional system components.
The WM8860 is supplied in a small 48-pin QFN package.
FEATURES
Multi-channel High Definition Audio CODEC
Fully compatible with Intel High Definition Audio Revision 1.0
4-Channel DAC, 4-channel ADC
DAC sampling frequency 8kHz - 192kHz
ADC sampling frequency 8kHz - 96kHz
DAC Performance:
-
SNR 108dB (‘A’ weighted)
-
SNR 105dB (non weighted)
-
THD -96dB (at 0dBFS)
ADC Performance:
-
SNR 105dB (‘A’ weighted)
-
SNR 102dB (non weighted)
-
THD -95dB (at -1dBFS)
Ground-referenced stereo headphone driver
Differential line inputs/outputs
Stereo microphone interface with integrated pre-amp
Multi-channel digital microphone interface
IEC-60958-3 compatible S/PDIF transmitter
Jack detect and load impedance sensing
Beep generator
GPIO functionality
IEEE-754 Single precision 32-bit floating point support
Power supplies
-
Digital core:
1.62V – 1.98V
-
Digital buffer:
2.97V – 3.63V
-
Analogue:
4.5V – 5.25V
-
Charge pump: 4.5V – 5.25V
48-pin 7mm x 7mm QFN package
APPLICATIONS
High performance PC audio
All-in-one desktop PC
Notebook PC


Similar Part No. - WM8860

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8860 CIRRUS-WM8860 Datasheet
3Mb / 188P
Multi-channel High Definition Audio CODEC
More results

Similar Description - WM8860

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9227 IDT-STAC9227 Datasheet
1Mb / 237P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9271 IDT-STAC9271 Datasheet
1Mb / 223P
10-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD202 IDT-92HD202 Datasheet
1Mb / 168P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD206 IDT-92HD206 Datasheet
1Mb / 176P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD700 IDT-92HD700 Datasheet
1Mb / 181P
10-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Wolfson Microelectronic...
WM8850 WOLFSON-WM8850 Datasheet
1Mb / 223P
Multi-Channel High Definition Audio CODEC
logo
Cirrus Logic
WM8860 CIRRUS-WM8860 Datasheet
3Mb / 188P
Multi-channel High Definition Audio CODEC
logo
Realtek Semiconductor C...
ALC662 REALTEK-ALC662_09 Datasheet
1Mb / 82P
5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC662-GR REALTEK-ALC662-GR Datasheet
1Mb / 81P
5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC861-VD-GR REALTEK-ALC861-VD-GR Datasheet
1Mb / 80P
7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com