Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8860 Datasheet(PDF) 73 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 73 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 77Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 184 page
background image
Pre-Production
WM8860
w
PP, April 2011, Rev 3.2
73
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
POWER STATE VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F05h
00h
Bits [31:0] in the table below
Set
705h
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:10]
Rsvd
R
000000h
Reserved
[9]
PS-ClkStopOK
R
0
Applicable when the AFG is in power state D3:
0 = BCLK must be kept running
1 = It is OK to stop BCLK
[8]
Rsvd
R
0
Reserved
[7:4]
PS-Act
R
2h
Indicates the actual power state of the AFG node:
0h = D0
1h = D1
2h = D2
3h = D3
4h = D4
The power state of the AFG is controlled by PS-Set below. For the AFG,
PS-Act will equal PS-Set (offset by the time required to execute a power
state transition).
[3:0]
PS-Set
RW
2h
Sets the power state of the AFG node:
0h = D0
1h = D1
2h = D2
3h = D3
4h = D4
Note: If the Link is operational, but the AFG is in power state D4, only Get Commands, Set Power State or AFG Reset
commands are executed – all other commands are ignored. In this scenario, the SDI line is inactive and does not transmit
responses, tags or data.
UNSOLICITED RESPONSE VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F08h
00h
Bits [31:0] in the table below
Set
708h
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
000000h
Reserved
[7]
Enable
RW
0
0 = Unsolicited Responses disabled for this node
1 = Unsolicited Responses enabled for this node
[6]
Rsvd
R
0
Reserved
[5:0]
Tag
RW
01h
A software programmable tag value that is returned in the top six bits
(31:26) of every Unsolicited Response from this node.
The default for Tag is equal to the Node ID.
Note: The Unsolicited Response for the AFG node is defined in the “Unsolicited Responses” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com