Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8860 Datasheet(PDF) 86 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 86 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 90Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 184 page
background image
WM8860
Pre-Production
w
PP, April 2011, Rev 3.2
86
PROCESSING STATE VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F03h
00h
Bits [31:0] in the table below
Set
703h
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
000000h
Reserved
[7:0]
Processing State
RW
01h
The processing node is the high-pass filter (HPF). The processing state
is controlled as follows:
00h = Processing Off: HPF disabled
01h = Processing On: HPF enabled
02h = Processing Off: HPF disabled (benign not supported)
03h-7Fh = Reserved
80h-FFh = Vendor Specific – not used
POWER STATE VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F05h
00h
Bits [31:0] in the table below
Set
705h
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
000000h
Reserved
[7:4]
PS-Act
R
3h
Indicates the actual power state of the MIC1 widget node:
0h = D0
1h = D1
2h = D2
3h = D3
The power state of the MIC1 widget is controlled by PS-Set below, however
the control may be superseded by the PS-Set of the AFG node.
[3:0]
PS-Set
RW
3h
Sets the power state of the MIC1 widget node:
0h = D0
1h = D1
2h = D2
3h = D3
CONVERTER STREAM, CHANNEL VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F06h
00h
Bits [31:0] in the table below
Set
706h
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
000000h
Reserved
[7:4]
Stream
RW
0h
Stream ID used by this widget. Note that Stream ID = 0h is used to
indicate an unused stream, and converters will not transfer/receive link
data for streams with an ID of 0h.
For multi-channel capture on MIC1 and MIC2, the Stream value should be
the same for both.
[3:0]
Channel
RW
0h
Lowest channel number used by this widget.
Note: When MIC1 and MIC2 are setup for multi-channel capture, only a
setting of 0h and 2h are applicable. However, the values are mutually
exclusive, in that if Channel has been set to 0h for the MIC1 node, it must
be set to 2h for the MIC2 node. Both nodes should have Channel set to 0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com