Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8860GEFL/V Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM8860GEFL/V
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860GEFL/V Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM8860GEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 184 page
background image
Pre-Production
WM8860
w
PP, April 2011, Rev 3.2
57
Under default conditions, the WM8860 will pack the S/PDIF Tx Channel Status Data with the correct
values of Sampling Frequency and Sample Word Length automatically, taking into account the
various routing options through the chip. This means the Channel Status Data always reflects the
same rate as the physical S/PDIF stream.
If required, this behaviour can be disabled using the vendor-specific Channel Status Data Packing
Configuration Verb. When CSD_MODE is set to 0, the S/PDIF Tx Channel Status Data is completely
defined using the vendor-specifc Tx Channel Status Control Verb.
SET VERB
BIT
BITFIELD
NAME
DEFAULT
DESCRIPTION
785h
0
CSD_MODE
1
S/PDIF Transmitter Channel Status Data
Packing Mode:
0 = Manual mode: sample rate and data width
channel status data packed from data sourced
from the Tx Channel Status Control Verb
1 = Automatic mode: sample rate and data
width channel status data packed from data
sourced from the Stream Verb, S/PDIF Verb
S/PDIF OUT (NID = 0Fh)
Table 27 gives a summary of the S/PDIF Out node:
NODE SUMMARY INFORMATION
NID
0Fh
Widget Type
Pin Complex
Supported Get Verbs
F00h, F02h, F07h, F08h, F09h, F1Ch, F8Eh
Supported Set Verbs
707h, 708h, 71Ch, 71Dh, 71Eh, 71Fh, 78Eh
Unsolicited Responses
Presence Detect
Vendor-Specific Verbs
F8Eh, 78Eh : Unsolicited Response Priority Control Verb
Table 27 S/PDIF Out Node Summary Information
The S/PDIF Out node controls the physical output to the SPDIFOUT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com