Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8860GEFL/V Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8860GEFL/V
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860GEFL/V Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8860GEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 184 page
background image
Pre-Production
WM8860
w
PP, April 2011, Rev 3.2
13
Test Conditions
AVDD = CPVDD = 5V, DBVDD = 3.3V, DCVDD = 1.8V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Input 2 (VIN2LP, VIN2LN, VIN2RP, VIN2RN)
Maximum Differential
Input Signal Level
VINDIFF(max)
0dB gain
2.25 x
AVDD/5
VRMS
Maximum Single-ended
Input Signal Level
VINSE(max)
0dB gain
1.1 x
AVDD/5
VRMS
Input impedance
ZIN
Single-
ended or
Differential
(Inverting)
10
kΩ
Differential
(Non-
inverting)
120
kΩ
Common Mode Rejection
Ratio
CMRR
20Hz to
20kHz
65
dB
Microphone Preamp Gain
Options
0
10
20
30
dB
Minimum PGA Gain
Setting
-12
dB
Maximum PGA Gain
Setting
+12
dB
PGA Gain Step Size
Guaranteed monotonic
0.5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com