Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8860GEFL/V Datasheet(PDF) 91 Page - Wolfson Microelectronics plc

Part # WM8860GEFL/V
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860GEFL/V Datasheet(HTML) 91 Page - Wolfson Microelectronics plc

Back Button WM8860GEFL/V Datasheet HTML 87Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 91Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 92Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 93Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 94Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 95Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 184 page
background image
Pre-Production
WM8860
w
PP, April 2011, Rev 3.2
91
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
Supported Stream Formats Parameter (PID = 0Bh)
Bit
Bitfield Name
RW
Default
Description
[31:3]
Rsvd
R
00000000h
Reserved
[2]
AC3
R
0
S/PDIF Tx 1 does not support Dolby AC3 format
[1]
Float32
R
1
S/PDIF Tx 1 supports Float32 formatted data
[0]
PCM
R
1
S/PDIF Tx 1 supports PCM formatted data
Processing Capabilities Parameter (PID = 10h)
Bit
Bitfield Name
RW
Default
Description
[31:16]
Rsvd
R
0000h
Reserved
[15:8]
NumCoeff
R
00h
This widget does not support loadable coefficients
[7:1]
Rsvd
R
00h
Reserved
[0]
Benign
R
0
The “Processing Benign State” is not supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com