Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8860GEFL/V Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8860GEFL/V
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860GEFL/V Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8860GEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8860GEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 184 page
background image
Pre-Production
WM8860
w
PP, April 2011, Rev 3.2
21
Test Conditions
AVDD = CPVDD = 5V, DBVDD = 3.3V, DCVDD = 1.8V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
S/PDIF Transmitter Specification
Output Signal Logic High
VOH(S/PDIF)
0.9 *
DBVDD
V
Output Signal Logic Low
VOL(S/PDIF)
0.1 *
DBVDD
V
Output Current
Source/Sink Capability
DBVDD = 1.8V
7
mA
DBVDD = 3.63V
15
mA
Output Sample Rate
Tolerance
Includes maximum reference clock error of
±0.025% as allowed by HDA Specification
1000
ppm
-0.1
+0.1
%
Output Sample Rate
Support
32
44.1
48
88.2
96
176.4
192
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com