Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904ECS/R Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM8904ECS/R
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904ECS/R Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM8904ECS/R Datasheet HTML 37Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 38Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 39Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 40Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 41Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 42Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 43Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 44Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 188 page
background image
Pre-Production
WM8904
w
PP, Rev 3.3, September 2012
41
INPUT PGA COMMON MODE AMPLIFIER
In Differential Line Mode only, a Common Mode amplifier can be enabled as part of the input PGA
circuit. This feature provides approximately 20dB reduction in common mode noise on the differential
input, which can reduce problematic interference. Since the ADC has differential signal inputs, it has
an inherent immunity to common mode noise (see “Electrical Characteristics”) However, the presence
of Common Mode noise can limit the usable signal range of the ADC path; enabling the Common
Mode amplifier can solve this issue.
It should be noted that the Common Mode amplifier consumes additional power and can also add its
own noise to the input signal. For these reasons, it is recommended that the Common Mode Amplifier
is only enabled if there is a known source of Common Mode interference.
The Common Mode amplifier is controlled by the INL_CM_ENA and INR_CM_ENA fields as
described in Table 5. Although the Common Mode amplifier may be enabled regardless of the input
PGA mode, its function is only effective in the Differential Line Mode configuration.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R46 (2Eh)
Analogue Left
Input 1
6
INL_CM_ENA
1
Left Input PGA Common Mode
Rejection enable
0 = Disabled
1 = Enabled
(only available for L_MODE=01 –
Differential Line)
R47 (2Fh)
Analogue
Right Input 1
6
INR_CM_ENA
1
Right Input PGA Common Mode
Rejection enable
0 = Disabled
1 = Enabled
(only available for R_MODE=01 –
Differential Line)
Table 5 Common Mode Amplifier Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com