Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904ECS/R Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8904ECS/R
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904ECS/R Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8904ECS/R Datasheet HTML 38Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 39Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 40Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 41Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 42Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 43Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 44Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 45Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
42
ELECTRET CONDENSER MICROPHONE INTERFACE
Electret Condenser microphones may be connected as single-ended or differential inputs to the Input
PGAs described in the “Analogue Input Signal Path” section. The WM8904 provides a low-noise
reference voltage (MICBIAS) suitable for biasing electret condenser microphones.
MICBIAS CONTROL
The MICBIAS reference is provided on the MICBIAS pin. This reference voltage is enabled by setting
the MICBIAS_ENA register bit.
The MICBIAS output voltage is selected using the MICBIAS_SEL register. This register selects the
output voltage as a ratio of AVDD; the actual output voltage scales with AVDD.
The MICBIAS output is powered from the MICVDD supply pin, and uses VMID (ie. AVDD/2) as a
reference, as illustrated in Figure 24. In all cases, MICVDD must be at least 200mV greater than the
required MICBIAS output voltage.
Under the default setting of MICBIAS_SEL, the MICVDD supply may be connected directly to AVDD.
For other settings of MICBIAS_SEL, (ie. for higher MICBIAS voltages), the MICVDD supply must be
greater than AVDD.
The MICBIAS generator is illustrated in in Figure 24. The associated control registers are defined in
Table 6.
Figure 24 MICBIAS Generator
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
Mic Bias
Control 0
0
MICBIAS_ENA
0
MICBIAS Enable
0 = disabled
1 = enabled
R7 (07h)
Mic Bias
Control 1
2:0
MICBIAS_SEL [2:0]
000
Selects MICBIAS voltage
000 = 9/10 x AVDD (1.6V)
001 = 10/9 x AVDD (2.0V)
010 = 7/6 x AVDD (2.1V)
011 = 4/3 x AVDD (2.4V)
100 to 111 = 3/2 x AVDD (2.7V)
Note that the voltage scales with
AVDD. The value quoted in
brackets is correct for AVDD=1.8V.
Table 6 MICBIAS Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com