Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904ECS/R Datasheet(PDF) 76 Page - Wolfson Microelectronics plc

Part # WM8904ECS/R
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904ECS/R Datasheet(HTML) 76 Page - Wolfson Microelectronics plc

Back Button WM8904ECS/R Datasheet HTML 72Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 73Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 74Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 75Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 76Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 77Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 78Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 79Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 80Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
76
OUTPUT MUX CONTROL
By default, the DAC outputs are routed directly to the respective output PGAs. A multiplexer (mux) is
provided on each output path to select the BYPASSL or BYPASSR analogue signals from the
Left/Right Input PGAs in place of the DAC outputs.
The output multiplexers are configured using the register bits described in Table 44.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R61 (3Dh)
Analogue
OUT12 ZC
3
HPL_BYP_ENA
0
Selects input for left headphone
output MUX
0 = Left DAC
1 = Left input PGA (Analogue
bypass)
2
HPR_BYP_ENA
0
Selects input for right headphone
output MUX
0 = Right DAC
1 = Right input PGA (Analogue
bypass)
1
LINEOUTL_BYP_
ENA
0
Selects input for left line output
MUX
0 = Left DAC
1 = Left input PGA (Analogue
bypass)
0
LINEOUTR_BYP_
ENA
0
Selects input for right line output
MUX
0 = Right DAC
1 = Right input PGA (Analogue
bypass)
Table 44 Output Mux Control
OUTPUT VOLUME CONTROL
Each analogue output can be independently controlled. The headphone output control fields are
described in Table 45. The line output control fields are described in Table 46. The output pins are
described in more detail in “Analogue Outputs”.
The volume and mute status of each output can be controlled individually using the bit fields shown in
Table 45 and Table 46.
To prevent “zipper noise” when a volume adjustment is made, a zero-cross function is provided on all
output paths. When this function is enabled, volume updates will not take place until a zero-crossing
is detected. In the event of a long period without zero-crossings, a timeout will apply. The timeout
must be enabled by setting the TOCLK_ENA bit, as defined in “Clocking and Sample Rates”.
The volume update bits control the loading of the output driver volume data. For example, when
HPOUT_VU is set to 0, the headphone volume data can be loaded into the respective control
register, but will not actually change the gain setting. The Left and Right headphone volume settings
are updated when a 1 is written to HPOUT_VU. This makes it possible to update the gain of a
Left/Right pair of output paths simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com