Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904ECS/R Datasheet(PDF) 52 Page - Wolfson Microelectronics plc

Part # WM8904ECS/R
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904ECS/R Datasheet(HTML) 52 Page - Wolfson Microelectronics plc

Back Button WM8904ECS/R Datasheet HTML 48Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 49Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 50Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 51Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 52Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 53Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 54Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 55Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 56Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
52
ADC OVERSAMPLING RATIO (OSR)
The ADC oversampling rate is programmable to allow power consumption versus audio performance
trade-offs. The default oversampling rate is high for best performance; using the lower OSR setting
reduces ADC power consumption.
To ensure specified ADC performance, the ADC Bias Control bits in register R198 must be set
correctly, depending on the ADC_OSR128 value, as described in Table 14.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
Analogue
ADC 0
0
ADC_OSR128
1
ADC Oversampling Ratio
0 = Low Power (64 x fs)
1 = High Performance (128 x fs)
R198 (C6h)
ADC Test 0
2
ADC_128_OSR
_TST_MODE
0
ADC Bias Control (1)
Set this bit to 1 in ADC 64fs mode
(ADC_OSR128 = 0).
Set this bit to 0 in ADC 128fs mode
(ADC_OSR128 = 1).
0
ADC_BIASX1P
5
0
ADC Bias Control (2)
Set this bit to 1 in ADC 64fs mode
(ADC_OSR128 = 0).
Set this bit to 0 in ADC 128fs mode
(ADC_OSR128 = 1).
Table 14 ADC Oversampling Ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com