Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904ECS/R Datasheet(PDF) 102 Page - Wolfson Microelectronics plc

Part # WM8904ECS/R
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904ECS/R Datasheet(HTML) 102 Page - Wolfson Microelectronics plc

Back Button WM8904ECS/R Datasheet HTML 98Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 99Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 100Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 101Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 102Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 103Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 104Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 105Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 106Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
102
CLOCKING AND SAMPLE RATES
The internal clocks for the WM8904 are all derived from a common internal clock source, SYSCLK.
This clock is the reference for the ADCs, DACs, DSP core functions, digital audio interface, DC servo
control and other internal functions.
SYSCLK can either be derived directly from MCLK, or may be generated from a Frequency Locked
Loop (FLL) using MCLK, BCLK or LRCLK as a reference. Many commonly-used audio sample rates
can be derived directly from typical MCLK frequencies; the FLL provides additional flexibility for a
wide range of MCLK frequencies. To avoid audible glitches, all clock configurations must be set up
before enabling playback. The FLL can be used to generate a free-running clock in the absence of an
external reference source; see “Frequency Locked Loop (FLL)” for further details.
The WM8904 supports automatic clocking configuration. The programmable dividers associated with
the ADCs, DACs, DSP core functions and DC servo are configured automatically, with values
determined from the CLK_SYS_RATE and SAMPLE_RATE fields. The user must also configure the
OPCLK (if required), the TOCLK (if required) and the Digital Audio Interface.
Oversample rates of 64fs or 128fs are supported (based on a 48kHz sample rate).
A 256kHz clock, supporting a number of internal functions, is derived from SYSCLK.
The DC servo control is clocked from SYSCLK.
A GPIO Clock, OPCLK, can be derived from SYSCLK and output on a GPIO pin to provide clocking
to other devices. This clock is enabled by OPCLK_ENA and controlled by OPCLK_DIV.
A slow clock, TOCLK, is used to de-bounce the button/accessory detect inputs, and to set the timeout
period for volume updates when zero-cross detect is used. This clock is enabled by TOCLK_ENA and
controlled by TOCLK_RATE, TOCLK_RATE_X4 and TOCLK_RATE_DIV16.
In master mode, BCLK is derived from SYSCLK via a programmable divider set by BCLK_DIV. In
master mode, the LRCLK is derived from BCLK via a programmable divider LRCLK_RATE. The
LRCLK can be derived from an internal or external BCLK source, allowing mixed master/slave
operation.
The control registers associated with Clocking and Sample Rates are shown in Table 61 to Table 65.
The overall clocking scheme for the WM8904 is illustrated in Figure 59.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com