Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904ECS/R Datasheet(PDF) 143 Page - Wolfson Microelectronics plc

Part # WM8904ECS/R
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904ECS/R Datasheet(HTML) 143 Page - Wolfson Microelectronics plc

Back Button WM8904ECS/R Datasheet HTML 139Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 140Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 141Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 142Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 143Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 144Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 145Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 146Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 147Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 188 page
background image
Pre-Production
WM8904
w
PP, Rev 3.3, September 2012
143
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R6 (06h) Mic
Bias Control
0
6:4
MICDET_THR
[2:0]
000
MICBIAS Current Detect Threshold (AVDD = 1.8V)
000 = 0.070mA
001 = 0.260mA
010 = 0.450mA
011 = 0.640mA
100 = 0.830mA
101 = 1.020mA
110 = 1.210mA
111 = 1.400mA
Note that the value scales with AVDD. The value
quoted is correct for AVDD=1.8V.
Electret Condenser
Microphone
Interface
3:2
MICSHORT_T
HR [1:0]
00
MICBIAS Short Circuit Threshold (AVDD = 1.8V)
00 = 0.520mA
01 = 0.880mA
10 = 1.240mA
11 = 1.600mA
Note that the value scales with AVDD. The value
quoted is correct for AVDD=1.8V.
Electret Condenser
Microphone
Interface
1
MICDET_ENA
0
MICBIAS Current and Short Circuit Detect Enable
0 = disabled
1 = enabled
Electret Condenser
Microphone
Interface
0
MICBIAS_ENA
0
MICBIAS Enable
0 = disabled
1 = enabled
Electret Condenser
Microphone
Interface
Register 06h Mic Bias Control 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R7 (07h) Mic
Bias Control
1
2:0
MICBIAS_SEL
[2:0]
000
Selects MICBIAS voltage
000 = 9/10 x AVDD (1.6V)
001 = 10/9 x AVDD (2.0V)
010 = 7/6 x AVDD (2.1V)
011 = 4/3 x AVDD (2.4V)
100 to 111 = 3/2 x AVDD (2.7V)
Note that the voltage scales with AVDD. The value
quoted in brackets is correct for AVDD=1.8V.
Electret
Condenser
Microphone
Interface
Register 07h Mic Bias Control 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com