Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960CGEFL/RV Datasheet(PDF) 48 Page - Wolfson Microelectronics plc

Part # WM8960CGEFL/RV
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960CGEFL/RV Datasheet(HTML) 48 Page - Wolfson Microelectronics plc

Back Button WM8960CGEFL/RV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 45Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 48Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 51Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 52Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 91 page
background image
WM8960
Production Data
w
PD, October 2011, Rev 4.1
48
For further details of the Jack detect operation see the Headphone Switch section.
DIGITAL AUDIO INTERFACE
The digital audio interface is used for inputting DAC data into the WM8960 and outputting ADC data
from it. It uses five pins:
ADCDAT: ADC data output
ADCLRC: ADC data alignment clock
DACDAT: DAC data input
DACLRC: DAC data alignment clock
BCLK: Bit clock, for synchronisation
The clock signals BCLK, ADCLRC and DACLRC can be outputs when the WM8960 operates as a
master, or inputs when it is a slave (see Master and Slave Mode Operation, below).
ADCLRC can also be configured as a GPIO pin. In this case, the ADC will use DACLRC as a frame
clock. The ADCLRC/GPIO1 pin function should not be modified while the ADC is enabled.
Four different audio data formats are supported:
Left justified
Right justified
I
2S
DSP mode
All four of these modes are MSB first. They are described in Audio Data Formats, below. Refer to the
Electrical Characteristic section for timing information.
MASTER AND SLAVE MODE OPERATION
The WM8960 can be configured as either a master or slave mode device. As a master device the
WM8960 generates BCLK, ADCLRC and DACLRC and thus controls sequencing of the data transfer
on ADCDAT and DACDAT. In slave mode, the WM8960 responds with data to clocks it receives over
the digital audio interface. The mode can be selected by writing to the MS bit. Master and slave
modes are illustrated below.
Figure 22 Master Mode
Figure 23 Slave Mode
OPERATION WITH ADCLRC AS GPIO
When ALRCGPIO=1, the DACLRC pin is used as a frame clock for ADCs and DACs as shown below.
The ADCs and DACs must operate at the same sample rate in this mode. See Table 32 for details of
GPIO pin configuration.
Figure 24 Master Mode with ADCLRC as GPIO
Figure 25 Slave Mode with ADCLRC as GPIO
BCLK
ADCDAT
ADCLRC
DACDAT
DACLRC
WM8960
CODEC
DSP
ENCODER/
DECODER
Note: The ADC and DAC can run at different sample rates
BCLK
ADCDAT
ADCLRC
DACDAT
DACLRC
WM8960
CODEC
DSP
ENCODER/
DECODER
Note: The ADC and DAC can run at different sample rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com