Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960CGEFL/RV Datasheet(PDF) 74 Page - Wolfson Microelectronics plc

Part # WM8960CGEFL/RV
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960CGEFL/RV Datasheet(HTML) 74 Page - Wolfson Microelectronics plc

Back Button WM8960CGEFL/RV Datasheet HTML 70Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 71Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 72Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 73Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 74Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 75Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 76Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 77Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 78Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 91 page
background image
WM8960
Production Data
w
PD, October 2011, Rev 4.1
74
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
2:1
00
Reserved
0
NGAT
0
Noise gate function enable
0 = disable
1 = enable
Automatic Level
Control
R21 (15h)
Left ADC
Volume
8
ADCVU
N/A
ADC Volume Update
Writing a 1 to this bit will cause left and right
ADC volumes to be updated (LADCVOL and
RADCVOL)
Analogue to
Digital Converter
7:0
LADCVOL[7:0]
11000011
Left ADC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -97dB
0000 0010 = -96.5dB
... 0.5dB steps up to
1111 1111 = +30dB
Analogue to
Digital Converter
R22 (16h)
Right ADC
Volume
8
ADCVU
N/A
ADC Volume Update
Writing a 1 to this bit will cause left and right
ADC volumes to be updated (LADCVOL and
RADCVOL)
Analogue to
Digital Converter
7:0
RADCVOL[7:0]
11000011
Right ADC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -97dB
0000 0010 = -96.5dB
... 0.5dB steps up to
1111 1111 = +30dB
Analogue to
Digital Converter
R23 (17h)
Additional
Control (1)
8
TSDEN
1
Thermal Shutdown Enable
0 = Thermal shutdown disabled
1 = Thermal shutdown enabled
(TSENSEN must be enabled for this function to
work)
Thermal
Shutdown
7:6
VSEL[1:0]
11
Analogue Bias Optimisation
00 = Reserved
01 = Increased bias current optimized for
AVDD=2.7V
1X = Lowest bias current, optimized for
AVDD=3.3V
Power
Management
5
0
Reserved
4
DMONOMIX
0
DAC Mono Mix
0 = Stereo
1 = Mono (Mono MIX output on enabled DACs)
Output Signal
Path
3:2
DATSEL[1:0]
00
ADC Data Output Select
00: left data = left ADC; right data =right ADC
01: left data = left ADC; right data = left ADC
10: left data = right ADC; right data =right ADC
11: left data = right ADC; right data = left ADC
Analogue to
Digital Converter
1
TOCLKSEL
0
Slow Clock Select (Used for volume update
timeouts and for jack detect debounce)
0 = SYSCLK / 2
21 (Slower Response)
1 = SYSCLK / 2
19 (Faster Response)
Volume
Updates;
Headphone Jack
Detect
0
TOEN
0
Enables Slow Clock for Volume Update Timeout
and Jack Detect Debounce
0 = Slow clock disabled
1 = Slow clock enabled
Volume
Updates;
Headphone Jack
Detect
R24 (18h)
8:7
00
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com