Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960CGEFL/RV Datasheet(PDF) 75 Page - Wolfson Microelectronics plc

Part # WM8960CGEFL/RV
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960CGEFL/RV Datasheet(HTML) 75 Page - Wolfson Microelectronics plc

Back Button WM8960CGEFL/RV Datasheet HTML 71Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 72Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 73Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 74Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 75Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 76Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 77Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 78Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 79Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 91 page
background image
Production Data
WM8960
w
PD, October 2011, Rev 4.1
75
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
Additional
Control (2)
6
HPSWEN
0
Headphone Switch Enable
0 = Headphone switch disabled
1 = Headphone switch enabled
Headphone Jack
Detect
5
HPSWPOL
0
Headphone Switch Polarity
0 = HPDETECT high = headphone
1 = HPDETECT high = speaker
Headphone Jack
Detect
4
Reserved
3
TRIS
0
Tristates ADCDAT and switches ADCLRC,
DACLRC and BCLK to inputs.
0 = ADCDAT is an output; ADCLRC, DACLRC
and BCLK are inputs (slave mode) or outputs
(master mode)
1 = ADCDAT is tristated; DACLRC and BCLK
are inputs; ADCLRC is an input (when not
configured as a GPIO)
Audio Interface
Control
2
LRCM
0
Selects disable mode for ADCLRC and DACLRC
(Master mode)
0 = ADCLRC disabled when ADC (Left and
Right) disabled; DACLRC disabled when
DAC (Left and Right) disabled.
1 = ADCLRC and DACLRC disabled only when
ADC (Left and Right) and DAC (Left and Right)
are disabled.
Audio Interface
Control
1:0
0
Reserved
R25 (19h)
Power
Mgmt (1)
8:7
VMIDSEL[1:0]
00
Vmid Divider Enable and Select
00 = Vmid disabled (for OFF mode)
01 = 2 x 50k
 divider enabled (for playback /
record)
10 = 2 x 250k
 divider enabled (for low-power
standby)
11 = 2 x 5k
 divider enabled (for fast start-up)
Power
Management
6
VREF
0
VREF (necessary for all other functions)
0 = Power down
1 = Power up
Power
Management
5
AINL
0
Analogue in PGA Left
0 = Power down
1 = Power up
Power
Management
4
AINR
0
Analogue in PGA Right
0 = Power down
1 = Power up
Power
Management
3
ADCL
0
ADC Left
0 = Power down
1 = Power up
Power
Management
2
ADCR
0
ADC Right
0 = Power down
1 = Power up
Power
Management
1
MICB
0
MICBIAS
0 = Power down
1 = Power up
Power
Management
0
DIGENB
0
Master Clock Disable
0 = Master clock enabled
1 = Master clock disabled
Power
Management
R26 (1Ah)
Power
Mgmt (2)
8
DACL
0
DAC Left
0 = Power down
1 = Power up
Power
Management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com