Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960CGEFL/RV Datasheet(PDF) 65 Page - Wolfson Microelectronics plc

Part # WM8960CGEFL/RV
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960CGEFL/RV Datasheet(HTML) 65 Page - Wolfson Microelectronics plc

Back Button WM8960CGEFL/RV Datasheet HTML 61Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 62Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 63Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 64Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 65Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 66Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 67Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 68Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 69Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 91 page
background image
Production Data
WM8960
w
PD, October 2011, Rev 4.1
65
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R26 (1Ah)
Power
Management
(2)
8
DACL
0
DAC Left
0 = Power down
1 = Power up
7
DACR
0
DAC Right
0 = Power down
1 = Power up
6
LOUT1
0
LOUT1 Output Buffer
0 = Power down
1 = Power up
5
ROUT1
0
ROUT1 Output Buffer
0 = Power down
1 = Power up
4
SPKL
0
SPK_LP/SPK_LN Output PGA.
0 = Power down
1 = Power up
(Note: Speaker output also requires
SPK_OP_EN[0] to be set)
3
SPKR
0
SPK_RP/SPK_RN Output PGA
0 = Power down
1 = Power up
(Note: Speaker output also requires
SPK_OP_EN[1] to be set)
1
OUT3
0
OUT3 Output Buffer
0 = Power down
1 = Power up
0
PLL_EN
0
PLL Enable
0 = Power down
1 = Power up
R47 (2Fh)
Power
Management
(3)
5
LMIC
Left Input PGA Enable
0 = Power down
1 = Power up
(Note: PGA also requires AINL to be set)
4
RMIC
RIght Input PGA Enable
0 = Power down
1 = Power up
(Note: PGA also requires AINR to be set)
3
LOMIX
Left Output Mixer Enable
0 = Power down
1 = Power up
2
ROMIX
Right Output Mixer Enable
0 = Power down
1 = Power up
Table 47 Power Management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com