Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980CGEFL/V Datasheet(PDF) 72 Page - Wolfson Microelectronics plc

Part # WM8980CGEFL/V
Description  Stereo CODEC with Speaker Driver and Video Buffer
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980CGEFL/V Datasheet(HTML) 72 Page - Wolfson Microelectronics plc

Back Button WM8980CGEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 123 page
background image
WM8980
Pre-Production
w
PP, Rev 3.8, May 2012
72
TEST WAVEFORMS
Figure 37 Black Needle Pulse
(Full frame of white with a vertical black line)
Figure 38 Dual Needle Pulse
(50% grey field with closely-spaced white and black
vertical lines spaced across the line scan)
Figure 39 Multiburst
(A horizontal multiburst of signals with frequencies
ranging from 0.5MHz to 5.75MHz)
Figure 40 White Needle Pulse
(A full frame of black with a vertical white line)
CURRENT MODE OUTPUT
The current mode output employed by the WM8980 video buffer allows VBVDD to operate at lower
voltages than voltage mode video buffers, reducing power consumption, while the use of a current
reference resistor close to the WM8980 ensures that the signal swing seen at the output of the buffer
will be the same as that at the connection to the receiving equipment (e.g. a TV), providing excellent
signal reproduction. Current mode output also provides inherent short circuit protection at the signal
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com