Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980CGEFL/V Datasheet(PDF) 85 Page - Wolfson Microelectronics plc

Part # WM8980CGEFL/V
Description  Stereo CODEC with Speaker Driver and Video Buffer
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980CGEFL/V Datasheet(HTML) 85 Page - Wolfson Microelectronics plc

Back Button WM8980CGEFL/V Datasheet HTML 81Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 82Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 83Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 84Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 85Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 86Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 87Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 89Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 123 page
background image
Pre-Production
WM8980
w
PP, Rev 3.8, May 2012
85
Note that the GPIOPOL bits are not relevant for jack detection, it is the signal detected at the pin
which is used.
The switching on/off of the outputs is fully configurable by the user. Each output, OUT1, OUT2, OUT3
and OUT4 has 2 associated enables. OUT1_EN_0, OUT2_EN_0, OUT3_EN_0 and OUT4_EN_0 are
the output enable signal which are used if the selected jack detection pin is at logic 0 (after de-
bounce). OUT1_EN_1, OUT2_EN_1, OUT3_EN_1 and OUT4_EN_1 are the output enable signals
which are used if the selected jack detection pin is at logic 1 (after de-bounce).
Similar to the output enables, VMID, which can be driven out of OUT3 can be configured to be on/off
depending on the jack detection input polarity using the VMID_EN_0 and VMID_EN_1 bits.
The jack detection enables work as follows:
All OUT_EN signals have an AND function performed with their normal enable signals (in Table 50).
When an output is normally enabled at per Table 50, the selected jack detection enable (controlled
by selected jack detection pin polarity) is set 0, it will turn the output off. If the normal enable signal is
already OFF (0), the jack detection signal will have no effect due on the AND function.
During jack detection if the user desires an output to be un-changed whether the jack is in or not,
both the JD_EN settings i.e. JD_EN0 and JD_EN1, should be set to 0000.
The VMID_EN signal has an OR function performed with the normal VMID driver enable. If the
VMID_EN signal is to have no effect to normal functionality when jack detection is enabled, it should
set to 0 for all JD_EN0 or JD_EN1 settings.
If jack detection is not enabled (JD_EN=0), the output enables default to all 1’s, allowing the outputs
to be controlled as normal via the normal output enables found in Table 50. Similarly the VMID_EN
signal defaults to 0 allowing the VMID driver to be controlled via the normal enable bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9
GPIO Control
5:4
JD_SEL
00
Pin selected as jack detection input
00 = GPIO1
01 = GPIO2
10 = GPIO3
11 = GPIO4
6
JD_EN
0
Jack Detection Enable
0=disabled
1=enabled
8:7
JD_VMID
00
[7] VMID_EN_0
[8] VMID_EN_1
R13
GPW Control
3:0
JD_EN0
0
Output enabled when selected jack
detection input is logic 0.
[0]= OUT1_EN_0
[1]= OUT2_EN_0
[2]= OUT3_EN_0
[3]= OUT4_EN_0
7:4
JD_EN1
0
Output enabled when selected jack
detection input is logic 1
[4]= OUT1_EN_1
[5]= OUT2_EN_1
[6]= OUT3_EN_1
[7]= OUT4_EN_1
Table 64 Jack Detect Register Control Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com