Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980CGEFL/V Datasheet(PDF) 100 Page - Wolfson Microelectronics plc

Part # WM8980CGEFL/V
Description  Stereo CODEC with Speaker Driver and Video Buffer
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980CGEFL/V Datasheet(HTML) 100 Page - Wolfson Microelectronics plc

Back Button WM8980CGEFL/V Datasheet HTML 96Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 97Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 98Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 99Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 100Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 101Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 102Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 103Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 104Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 123 page
background image
WM8980
Pre-Production
w
PP, Rev 3.8, May 2012
100
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
11 (0Bh)
8
DACVU
N/A
DAC left and DAC right volume do not update until
a 1 is written to DACVU (in reg 11 or 12)
Digital to
Analogue
Converter
(DAC)
7:0
DACVOLL
11111111
Left DAC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -127dB
0000 0010 = -126.5dB
... 0.5dB steps up to
1111 1111 = 0dB
Digital to
Analogue
Converter
(DAC)
12 (0Ch)
8
DACVU
N/A
DAC left and DAC right volume do not update until
a 1 is written to DACVU (in reg 11 or 12)
Output Signal
Path
7:0
DACVOLR
11111111
Right DAC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -127dB
0000 0010 = -126.5dB
... 0.5dB steps up to
1111 1111 = 0dB
Output Signal
Path
13 (0Dh)
8
0
Reserved
7:4
JD_EN1
0000
Output enabled when selected jack detection input
is logic 1
[4]= OUT1_EN_1
[5]= OUT2_EN_1
[6]= OUT3_EN_1
[7]= OUT4_EN_1
Output
Switching
(Jack Detect)
3:0
JD_EN0
0000
Output enabled when selected jack detection input
is logic 0.
[0]= OUT1_EN_0
[1]= OUT2_EN_0
[2]= OUT3_EN_0
[3]= OUT4_EN_0
Output
Switching
(Jack Detect)
14 (0Eh)
8
HPFEN
1
High Pass Filter Enable
0=disabled
1=enabled
Analogue to
Digital
Converter
(ADC)
7
HPFAPP
0
Select audio mode or application mode
0=Audio mode (1
st order, fc = ~3.7Hz)
1=Application mode (2
nd order, fc = HPFCUT)
Analogue to
Digital
Converter
(ADC)
6:4
HPFCUT
000
Application mode cut-off frequency
See Table 15 for details.
Analogue to
Digital
Converter
(ADC)
3
ADCOSR
128
0
ADC oversample rate select
0 = 64x (lowest power)
1 = 128x (best SNR)
Power
Management
2
0
Reserved
1
ADCRPOL
0
ADC right channel polarity adjust:
0=normal
1=inverted
Analogue to
Digital
Converter
(ADC)
0
ADCLPOL
0
ADC left channel polarity adjust:
0=normal
1=inverted
Analogue to
Digital
Converter
(ADC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com