Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980CGEFL/V Datasheet(PDF) 73 Page - Wolfson Microelectronics plc

Part # WM8980CGEFL/V
Description  Stereo CODEC with Speaker Driver and Video Buffer
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980CGEFL/V Datasheet(HTML) 73 Page - Wolfson Microelectronics plc

Back Button WM8980CGEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 123 page
background image
Pre-Production
WM8980
w
PP, Rev 3.8, May 2012
73
Figure 41 Video Buffer with 0dB Gain
Figure 42 Video Buffer with 6dB Gain
The outputs VBREF and VBOUT are current mirrored transistors with a 5:1 ratio, so that:
iVBOUT = 5 x iVBREF.
A reference resistor (187R in above examples) is used for feedback on the video buffer amplifier via
the VBREF pin. The output current from VBOUT will be split between the source termination and load
termination (75R each in above examples).
Overall voltage gain (i.e. VBIN to TV input) is calculated as follows:
VBGAIN
(R40[1])
LOADED GAIN FORMULA
(SOURCE AND LOAD BOTH
TERMINATED WITH 75R)
LOADED GAIN
(VREF=187R;
RSOURCE=75R;
RLOAD=75R)
UNLOADED GAIN
(VREF=187R;
RSOURCE=75R;
RLOAD=0)
0
5 x (RLOAD || RSOURCE) / RVBREF
0dB
+6dB
1
10 x (RLOAD || RSOURCE) / RVBREF
+6dB
+12dB
See applications note WAN-0166 for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com