Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980CGEFL/V Datasheet(PDF) 121 Page - Wolfson Microelectronics plc

Part # WM8980CGEFL/V
Description  Stereo CODEC with Speaker Driver and Video Buffer
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980CGEFL/V Datasheet(HTML) 121 Page - Wolfson Microelectronics plc

Back Button WM8980CGEFL/V Datasheet HTML 115Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 116Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 117Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 118Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 119Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 120Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 121Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 122Page - Wolfson Microelectronics plc WM8980CGEFL/V Datasheet HTML 123Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 121 / 123 page
background image
Pre-Production
WM8980
w
PP, Rev 3.8, May 2012
121
PACKAGE DIAGRAM
DM105.A
FL: 40 PIN QFN PLASTIC PACKAGE 6 X 6 X 0.9 mm BODY, 0.50 mm LEAD PITCH
NOTES:
1. DIMENSION b APPLIES TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.15 mm AND 0.30 mm FROM TERMINAL TIP.
2. FALLS WITHIN JEDEC, MO-220, VARIATION VJJD-2.
3. ALL DIMENSIONS ARE IN MILLIMETRES.
4. THE TERMINAL #1 IDENTIFIER AND TERMINAL NUMBERING CONVENTION SHALL CONFORM TO JEDEC 95-1 SPP-002.
5. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS.
6. REFER TO APPLICATION NOTE WAN_0118 FOR FURTHER INFORMATION REGARDING PCB FOOTPRINTS AND QFN PACKAGE SOLDERING.
7. DEPENDING ON THE METHOD OF LEAD TERMINATION AT THE EDGE OF THE PACKAGE, PULL BACK (L1) MAY BE PRESENT.
8. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
A
A1
A3
0.80
0.90
1.00
0.05
0.02
0
0.20 REF
b
D
D2
E
E2
e
L
0.30
0.18
6.00 BSC
4.25
4.15
4.00
0.50 BSC
0.30
0.40
0.50
2
2
6.00 BSC
4.25
4.15
4.00
0.10
aaa
bbb
ccc
REF:
0.15
0.10
JEDEC, MO-220, VARIATION VJJD-2.
Tolerances of Form and Position
0.25
H
0.1
0.2
G
T
0.103
W
0.15
DETAIL 2
1
INDEX AREA
(D/2 X E/2)
TOP VIEW
D
E
4
DETAIL 1
BOTTOM VIEW
C
aaa
2 X
C
aaa
2 X
E2
10
1
e
b
1
B
C
bbb M
A
D2
A
21
30
40
31
11
20
C
A3
SEATING PLANE
SIDE VIEW
DETAIL 2
A1
C
0.08
C
ccc
A
5
A3
G
T
H
b
Exposed lead
Half etch tie bar
W
Dimensions (mm)
Symbols
MIN
NOM
MAX
NOTE
EXPOSED
GROUND
PADDLE
6
DETAIL 1
EXPOSED
GROUND
PADDLE
0.35mm
45°
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com