Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9712CLGEFL/RV Datasheet(PDF) 64 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/RV
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/RV Datasheet(HTML) 64 Page - Wolfson Microelectronics plc

Back Button WM9712CLGEFL/RV Datasheet HTML 60Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 61Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 62Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 63Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 64Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 65Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 66Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 67Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 68Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 78 page
background image
WM9712L
Production Data
w
PD, Rev 4.6, November 2011
64
Register 08h
controls the bass and treble response of the left and right audio DAC (but not AUXDAC).
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
08h
15
BB
0 (linear)
Selects linear bass control or adaptive bass boost
Audio DACs,
Tone Control /
Bass Boost
12
BC
0 (low)
Selects bass cut-off frequency
11:8
BASS
1111 (OFF)
Controls bass intensity
6
DAT
0 (OFF)
Enables 6dB pre-DAC attenuation
4
TC
0 (high)
Selects treble cut-off frequency
3:0
TRBL
1111 (OFF)
Controls treble intensity
Register 0Ah
controls the analogue input pin PCBEEP.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
0Ah
15
B2H
1 (mute)
Mutes PCBEEP to headphone mixer path
Analogue
Inputs,
PCBEEP Input
14:12
B2HVOL
010 (0dB)
Controls gain of PCBEEP to headphone mixer path
11
B2S
1 (mute)
Mutes PCBEEP to speaker mixer path
10:8
B2SVOL
010 (0dB)
Controls gain of PCBEEP to speaker mixer path
7
B2P
1 (mute)
Mutes PCBEEP to phone mixer path
6:4
B2PVOL
010 (0dB)
Controls gain of PCBEEP to phone mixer path
Register 0Ch
controls the analogue input pin PHONE.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
0Ch
15
P2H
1 (mute)
Mutes PHONE to headphone mixer path
Analogue
Inputs,
PHONE Input
14
P2S
1 (mute)
Mutes PHONE to speaker mixer path
4:0
PHONEVOL
01000 (0dB)
Controls PHONE input gain to all mixers (but not to ADC)
Register 0Eh
controls the analogue input pins MIC1 and MIC2.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
0Eh
14
M12P
1 (mute)
Mutes MIC1 to phone mixer path
Analogue
Inputs,
Microphone
Input
13
M22P
1 (mute)
Mutes MIC2 to phone mixer path
12:8
LMICVOL
01000 (0dB)
Controls volume of MIC1 (left), in stereo mode only
7
20dB
0 (OFF)
Enables 20dB gain boost
6:5
MS
00 (MIC1 only)
Selects microphone mode. 00=MIC1 only, 01=differential,
10=MIC2 only, 11=stereo
4:0
MICVOL
01000 (0dB)
Controls mic volume (except MIC1 in stereo mode)
Register 10h
controls the analogue input pins LINEINL and LINEINR.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
10h
15
L2H
1 (mute)
Mutes LINEIN to headphone mixer path
Analogue
Inputs, Line
Input
14
L2S
1 (mute)
Mutes LINEIN to speaker mixer path
13
L2P
1 (mute)
Mutes LINEIN to phone mixer path
12:8
LINEINLVOL
01000 (0dB)
Controls LINEINL input gain to all mixers (but not to ADC)
4:0
LINEINRVOL
01000 (0dB)
Controls LINEINR input gain to all mixers (but not to ADC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com