Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9712CLGEFL/RV Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/RV
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/RV Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM9712CLGEFL/RV Datasheet HTML 1Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 2Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 3Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 4Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 5Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 6Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 7Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
w
WM9712L
AC’97 Audio and Touchpanel CODEC
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Production Data, November 2011, Rev 4.6
Copyright
2011 Wolfson Microelectronics plc.
DESCRIPTION
The WM9712L is a highly integrated input / output device
designed for mobile computing and communications. The
device can connect directly to a 4-wire or 5-wire touchpanel,
mono or stereo microphones, stereo headphones and a
mono speaker, reducing total component count in the
system. Additionally, phone input and output pins are
provided
for
seamless
integration
with
wireless
communication devices.
The WM9712L also offers up to four auxiliary ADC inputs for
analogue measurements such as temperature or light, and
five GPIO pins for interfacing to buttons or other digital
devices. To monitor the battery voltage in portable systems,
the WM9712L has two uncommitted comparator inputs.
All device functions are accessed and controlled through a
single AC-Link interface compliant with the AC’97 standard.
Additionally, the WM9712L can generate interrupts to
indicate pen down, pen up, availability of touchpanel data,
low battery, dead battery, and GPIO conditions.
The WM9712L operates at supply voltages from 1.8 to 3.6
Volts. Each section of the chip can be powered down under
software control to save power. The device is available in a
small leadless 7x7mm QFN package, ideal for use in hand-
held portable systems.
FEATURES
 AC’97 Rev 2.2 compatible stereo CODEC
- DAC SNR 94dB, THD –87dB
- ADC SNR 92dB, THD –87dB
- Variable Rate Audio, supports all WinCE sample rates
- Tone Control, Bass Boost and 3D Enhancement
 On-chip 45mW headphone driver
 On-chip 400mW mono speaker driver
 Stereo, mono or differential microphone input
- Automatic Level Control (ALC)
 Auxiliary mono DAC (ring tone or DC level generation)
 Seamless interface to wireless chipset
 Resistive touchpanel interface
- Supports 4-wire and 5-wire panels
- 12-bit resolution, INL
2 LSBs (<0.5 pixels)
- X, Y and touch-pressure (Z) measurement
- Pen-down detection supported in Sleep Mode
 Up to 5 GPIO pins
 2 comparator inputs for battery monitoring
 Up to 4 auxiliary ADC inputs
 1.8V to 3.6V supplies
 7x7mm QFN
APPLICATIONS
 Personal Digital Assistants (PDA)
 Smartphones
 Handheld and Tablet Computers
BLOCK DIAGRAM


Similar Part No. - WM9712CLGEFL/RV

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9712L WOLFSON-WM9712L Datasheet
725Kb / 77P
AC97 Audio and Touchpanel CODEC
WM9712LGEFL/RV WOLFSON-WM9712LGEFL/RV Datasheet
725Kb / 77P
AC97 Audio and Touchpanel CODEC
WM9712LGEFL/V WOLFSON-WM9712LGEFL/V Datasheet
725Kb / 77P
AC97 Audio and Touchpanel CODEC
More results

Similar Description - WM9712CLGEFL/RV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
AC??7 Audio Codec
November 1998
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
AC??7 Audio Codec
November 1998
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
AC??7 Audio CODEC
logo
Wolfson Microelectronic...
WM9713 WOLFSON-WM9713 Datasheet
1Mb / 111P
AC 97 AUDIO TOUCHPANEL CODEC
WM9712L WOLFSON-WM9712L Datasheet
725Kb / 77P
AC97 Audio and Touchpanel CODEC
logo
Analog Devices
AD1986A AD-AD1986A Datasheet
365Kb / 56P
AC ??7 and HD Audio SoundMAX Codec
4/05-Revision 0
logo
Wolfson Microelectronic...
WM9713L WOLFSON-WM9713L_06 Datasheet
1Mb / 108P
AC 97 Audio Touchpanel CODEC
WM9715L WOLFSON-WM9715L Datasheet
906Kb / 77P
AC??7 Audio and Touchpanel CODEC
logo
Cirrus Logic
WM9713L CIRRUS-WM9713L Datasheet
2Mb / 133P
AC??7 Audio and Touchpanel Codec
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
AC??7 Audio Codec
Rev 4.0 DEC 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com