Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9712CLGEFL/RV Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/RV
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/RV Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM9712CLGEFL/RV Datasheet HTML 5Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 6Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 7Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 9Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 10Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 11Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 12Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
Production Data
WM9712L
w
PD, Rev 4.6, November 2011
9
TOUCHPANEL AND AUXILIARY ADC
Test Conditions
DBVDD=3.3V, DCVDD = 3.3V, AVDD = TPVDD = 3.3V, TA = +25
oC, MCLK = 24.576 MHz, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Pins X+, X-, Y+, Y-, WIPER/AUX4, COMP1/AUX1, COMP2/AUX2 and BMON/AUX3
Input Voltage
AGND
AVDD
V
Input leakage current
AUX pin not selected as
AUX ADC input
<10
nA
ADC Resolution
12
bits
Differential Non-Linearity Error
DNL
0.25
1
LSB
Integral Non-Linearity Error
INL
2
LSB
Offset Error
4
LSB
Gain Error
6
LSB
Power Supply Rejection
PSRR
50
dB
Throughput Rate
DEL = 1111
(zero settling time)
48
kHz
Settling Time (programmable)
MCLK = 24.576MHz
0
6
ms
Conversion Time
Note: touch pressure
measurements require two
conversions
20.8
s
Switch matrix resistance
12
Programmable Pull-up resistor
RPU
RPU = 000001
55
63
70
k
Pen down detector threshold
VDD/2
V
Pressure measurement current
IP
PIL = 1
400
A
PIL = 0
200
BMON/AUX3 (pin 31 only)
Input Range
AVDD = 3.3V
AGND
5
V
AVDD = 1.8V
AGND
3.3
V
Scaling
-3%
1/3
+3%
Input Resistance (Note 1)
during measurement
30
k
average over time
30 /
duty cycle
Note:
1. Current only flows into pin 31 during a measurement. At all other times, BMON/AUX3 is effectively an open circuit.
COMPARATORS
Test Conditions
AVDD = 3.3V, TA = +25
oC, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
COMP1/AUX1 and COMP2/AUX2 (pins 29, 30)
Input Voltage
AGND
AVDD
V
Input leakage current
pin not selected as AUX
ADC input
<10
nA
Comparator Input Offset
(COMP1, COMP2 only)
-50
+50
mV
COMP2 delay (COMP2 only)
24.576MHz crystal
0
10.9
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com