Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9712CLGEFL/RV Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/RV
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/RV Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM9712CLGEFL/RV Datasheet HTML 9Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 10Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 11Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 12Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 13Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 14Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
Production Data
WM9712L
w
PD, Rev 4.6, November 2011
13
DEVICE DESCRIPTION
INTRODUCTION
The WM9712L is designed to meet the mixed-signal requirements of portable and wireless computer
systems. It includes audio recording and playback, touchpanel digitisation, battery monitoring,
auxiliary ADC and GPIO functions, all controlled through a single 5-wire AC-Link interface.
SOFTWARE SUPPORT
The basic audio features of the WM9712L are software compatible with standard AC’97 device
drivers. However, to better support the touchpanel and other additional functions, Wolfson
Microelectronics supplies custom device drivers for selected CPUs and operating systems. Please
contact your local Wolfson Sales Office for more information.
AC’97 COMPATIBILITY
The WM9712L uses an AC’97 interface to communicate with a microprocessor or controller. The
audio and GPIO functions are largely compliant with AC’97 Revision 2.2. The following differences
from the AC’97 standard are noted:
Pinout: The function of some pins has been changed to support device specific features.
The PHONE and PCBEEP pins have been moved to different locations on the device
package.
Package: The package for the WM9712L is a 7
7mm leadless QFN package.
Audio mixing: The WM9712L handles all the audio functions of a smartphone, including
audio playback, voice recording, phone calls, phone call recording, ring tones, as well as
simultaneous use of these features. The AC’97 mixer architecture does not fully support
this. The WM9712L therefore uses a modified AC’97 mixer architecture with three
separate mixers.
Tone Control, Bass Boost and 3D Enhancement: These functions are implemented in the
digital domain and therefore affect only signals being played through the audio DACs, not
all output signals as stipulated in AC’97.
Some other functions are additional to AC’97:
On-chip BTL loudspeaker driver
On-chip BTL driver for ear speaker (phone receiver)
Auxiliary mono DAC for ring tones, system alerts etc.
Touchpanel controller
Auxiliary ADC Inputs
2 Analogue Comparators for Battery Alarm
Programmable Filter Characteristics for Tone Control and 3D Enhancement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com