Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8311 Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8311
Description  Processor Power Management Subsystem
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8311 Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8311 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 302 page
background image
Pre-Production
WM8311
w
PP, May 2012, Rev 3.1
39
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6
OFF_SW_REQ
0
Most recent OFF event type
0 = Not caused by software OFF
1 = Caused by software OFF
command (CHIP_ON = 0)
4
OFF_ON_PIN
0
Most recent OFF event type
0 = Not caused by the ON pin
1 = Caused by the ON pin
Table 2 Power State Control Registers
Table 3 lists all of the events which can trigger an ON, WAKE, OFF or SLEEP transition sequence. It
also lists the associated status bits of the ‘ON Source’ and ‘OFF Source’ register bits which are
asserted under each condition.
TRANSITION
SEQUENCE
EVENT
NOTES
ON SOURCE /
OFF SOURCE
ON (see note 1)
RTC alarm
An ON request occurs if the RTC Alarm occurs
in the OFF power state. See Section 20.
ON_TRANS, ON_RTC_ALM
GPIO ON request
Requires a GPIO to be configured as “Power
On request” or “Power On/Off request”. See
Section 21.
ON_TRANS, ON_GPIO
ON
¯¯ pin request
Requires the ON
¯¯ pin to be configured to
generate ON request. See Section 11.6.
ON_TRANS, ON_ON_PIN
WAKE
Software WAKE
Writing CHIP_SLP = 0. See Table 2.
ON_SW_REQ
Battery Charger event
Occurs when a Charger Interrupt event is
triggered. See Section 17.7.8.
ON_CHG
Watchdog timeout
Requires the Watchdog to be configured to
generate WAKE request. See Section 25.
ON_WDOG_TO
RTC alarm
A WAKE request occurs if the RTC Alarm
occurs in the SLEEP power state. See
Section 20.
ON_RTC_ALM
Touch Panel pen down
Requires the Touch Panel to be configured to
generate WAKE request. See Section 19.
ON_PEN_DOWN
GPIO WAKE request
Requires a GPIO to be configured as
“Sleep/Wake request”. See Section 21.
ON_GPIO
SYSVDD undervoltage
Requires the SYSVDD monitor circuit to be
configured to generate WAKE request. See
Section 24.4.
ON_SYSLO
ON
¯¯ pin request
Requires the ON
¯¯ pin to be configured to
generate WAKE request. See Section 11.6.
ON_ON_PIN
OFF (see note 2)
Watchdog timeout
Requires the Watchdog to be configured to
generate Device Reset. See Section 25.
RESET_WDOG
(See note 3)
Hardware Reset
See Section 24.
RESET_HW
(See note 3)
Software Reset
See Section 24.
RESET_SW
(See note 3)
Power Management
Undervoltage Reset
Configurable option for each LDO/DC-DC
converter. See Section 15.
RESET_CNV_UV
(See note 3)
Software OFF request
Writing CHIP_ON = 0. See Table 2.
OFF_SW_REQ
ON pin request
Requires the ON
¯¯ pin to be configured to
generate OFF request. See Section 11.6.
OFF_ON_PIN
Thermal shutdown
See Section 26.
OFF_THERR
SYSVDD undervoltage
Requires the SYSVDD monitor circuit to be
configured to generate OFF request. See
Section 24.4.
OFF_SYSVDD
SYSVDD shutdown
SYSVDD has fallen below the SHUTDOWN
threshold. See Section 24.4.
OFF_SYSVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com