Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8311 Datasheet(PDF) 82 Page - Wolfson Microelectronics plc

Part # WM8311
Description  Processor Power Management Subsystem
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8311 Datasheet(HTML) 82 Page - Wolfson Microelectronics plc

Back Button WM8311 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 86Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 302 page
background image
WM8311
Pre-Production
w
PP, May 2012, Rev 3.1
82
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:2
DC2_ON_VS
EL [6:2]
00000
Same as DC-DC1
1:0
DC2_ON_VS
EL [1:0]
00
R16478 (405Eh)
DC2 SLEEP
Control
15:13
DC2_SLP_S
LOT [2:0]
000
Same as DC-DC1
9:8
DC2_SLP_M
ODE [1:0]
00
Same as DC-DC1
6:0
DC2_SLP_V
SEL [6:0]
000_0000
Same as DC-DC1
R16479 (405Fh)
DC2 DVS
Control
12:11
DC2_DVS_S
RC [1:0]
00
Same as DC-DC1
6:0
DC2_DVS_V
SEL [6:0]
000_0000
Same as DC-DC1
R16480 (4060h)
DC3 Control 1
12
DC3_PHASE
0
Same as DC-DC1
7
DC3_FLT
0
Same as DC-DC1
5:4
DC3_SOFT_
START [1:0]
01
DC-DC3 Soft-Start Control
(Duration in each of the 3 intermediate
startup current limiting steps.)
00 = Immediate start-up
01 = 512us steps
10 = 4.096ms steps
11 = 32.768ms steps
3:2
DC3_STNBY
_LIM [1:0]
01
DC-DC3 Current Limit
Sets the maximum DC output current in
Hysteretic Mode. Typical values shown
below.
00 = 100mA
01 = 200mA
10 = 400mA
11 = 800mA
Protected by user key
1:0
DC3_CAP
00
DC-DC3 Output Capacitor
00 = 10uF to 20uF
01 = 10uF to 20uF
10 = 22uF to 45uF
11 = 47uF to 100uF
R16481 (4061h)
DC3 Control 2
15:14
DC3_ERR_A
CT [1:0]
00
Same as DC-DC1
12:11
DC3_HWC_
SRC [1:0]
00
Same as DC-DC1
10
DC3_HWC_
VSEL
0
Same as DC-DC1
9:8
DC3_HWC_
MODE [1:0]
11
Same as DC-DC1
7
DC3_OVP
0
DC-DC3 Overvoltage Protection
0 = Disabled
1 = Enabled
R16482 (4062h)
DC3 ON Config
15:13
DC3_ON_SL
OT [2:0]
000
Same as DC-DC1
9:8
DC3_ON_M
ODE [1:0]
00
Same as DC-DC1
6:2
DC3_ON_VS
EL [6:2]
00000
DC-DC3 ON Voltage select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com