Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8311 Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8311
Description  Processor Power Management Subsystem
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8311 Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8311 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 302 page
background image
Pre-Production
WM8311
w
PP, May 2012, Rev 3.1
19
7.2
DC-DC STEP UP CONVERTER
DC-DC4
Unless otherwise noted: VIN = 3.8V, TJ = -40°C to +125°C; typical values are at TJ = 25°C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
VIN = SYSVDD
2.7
5.5
V
Output Voltage
VOUT
6.5
30
V
Load Current
ILOAD
VOUT ≤ 8V
0
90
mA
VOUT = 6.5V to 20V
0
40
VOUT = 20V to 30V
0
25
Quiescent
Current
IQ
DC4_ENA=1
330
A
Shutdown
Current
ISD
DC4_ENA=0
0.1
1
A
N-channel On
Resistance
RDSN
150
m
Regulated
feedback
voltage
VISINKn
500
mV
Out of regulation
level
VISINKn
440
mV
Overvoltage
detection
VDC4FB
500
mV
Switching
frequency
FSW
1
MHz
N-channel
Current limit
IN_LIM
800
mA
7.3
CURRENT SINKS
Unless otherwise noted: TJ = -40°C to +125°C; Typical values are at TJ = +25ºC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Sink Current
IISINKn
0.3 <= VISINKn <=
SYSVDD
2
28000
A
Current Accuracy
IISINKn
IISINKn =12mA, VISINKn
= 0.5V
TBD
V
Current matching
IISINKn
IISINKn =12mA, VISINKn
= 0.5V
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com