Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8311 Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8311
Description  Processor Power Management Subsystem
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8311 Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8311 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 302 page
background image
WM8311
Pre-Production
w
PP, May 2012, Rev 3.1
28
7.12 TOUCH PANEL CONTROLLER
Unless otherwise noted: TJ = +25ºC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage
VSYSVDD
TPVDD connected to
LDO13VOUT
2.5
V
Input voltage range
VGPIO13, 14, 15, 16
VAUXADCIN4
0
VTPVDD
V
Programmable pull-up resistor
RPU
TCH_RPU = 0000
64
kΩ
TCH_RPU = 0111
8
TCH_RPU = 1111
4
Pen down detection threshold
VPDD_THR
TPVDD/
2
V
Pressure measurement current
(4-wire mode only)
ITCH_PRESS
TCH_ISEL = 0
200
A
TCH_ISEL = 1
400
Switch matrix internal
impedance
RTCH_SW
12
Ω
ADC Resolution
12
bits
ADC Conversion Time
(including default settling time)
TCH_DELAY = 010
160
s
ADC accuracy
-2.5
+2.5
%
7.13 SYSTEM STATUS LED DRIVERS
Unless otherwise noted: TJ = +25ºC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LED1 and LED2
Sink current
10
mA
7.14 CLOCKING
Unless otherwise noted: TJ = +25ºC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FLL input reference
32.768kHz
FLL_CLK_SRC=00
32.768
kHz
CLKIN
FLL_CLK_SRC=01
32
25000
kHz
FLL output frequency
CLKOUT
CLKOUT_SRC=0
32
25000
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com