Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8523 Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM8523
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8523 Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8523 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
Production Data
WM8523
w
PD, Rev 4.1, August 2011
35
REGISTER MAP
The complete register map is shown below. The detailed description can be found in the relevant text of the device description. The WM8523 can be configured using the Control Interface. All
unused bits should be set to '0' and access to unlisted registers should be avoided.
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R0 (0h)
DEVICE_ID /
SW RESET
CHIP_ID[15:0]
8523h
R1 (1h)
REVISION
0
0
0
0
0
0
0
0
0
0
0
0
0
CHIP_REV[2:0]
0000h
R2 (2h)
PSCTRL1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
SYS_ENA[1:0]
0000h
R3 (3h)
AIF_CTRL1
0
0
0
0
0
0
0
DAC_
DEEMP
AIF_
MSTR
AIF_
LRCLK_
INV
AIF_
BCLK_
INV
AIF_WL[1:0]
0
AIF_FMT[1:0]
1812h
R4 (4h)
AIF_CTRL2
0
0
0
0
0
0
0
0
DAC_OP_MUX[1:0]
AIF_BCLKDIV[2:0]
AIF_SR[2:0]
0000h
R5 (5h)
DAC_CTRL3
0
0
0
0
0
0
0
0
0
0
0
DAC_ZC
DACR_
MUTE
DACL_
MUTE
DAC_
VOL_
UP_
RAMP
DAC_
VOL_
DOWN_
RAMP
0001h
R6 (6h)
DAC_GAINL
0
0
0
0
0
0
DACL_
VU
DACL_VOL[8:0]
0190h
R7 (7h)
DAC_GAINR
0
0
0
0
0
0
DACR_
VU
DACR_VOL[8:0]
0190h
R8 (8h)
ZERO_DETECT
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
ZD_
COUNT
0000h
Table 24 Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com