Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8523 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8523
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8523 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8523 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
Production Data
WM8523
w
PD, Rev 4.1, August 2011
11
SIGNAL TIMING REQUIREMENTS
SYSTEM CLOCK TIMING
Figure 1 System Clock Timing Requirements
Test Conditions
LINEVDD=AVDD=2.97~3.63V, LINEGND=AGND=0V, TA=+25°C
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Master Clock Timing Information
MCLK cycle time
tMCLKY
27
500
ns
MCLK high time
tMCLKH
11
ns
MCLK low time
tMCLKL
11
ns
MCLK duty cycle (tMCLKH/tMCLKL)
40:60
60:40
%
AUDIO INTERFACE TIMING – MASTER MODE
Figure 2 Master Mode Digital Audio Data Timing
Test Conditions
LINEVDD=AVDD=2.97~3.63, LINEGND=AGND=0V, TA=+25°C, Master Mode
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
LRCLK propagation delay from BCLK falling edge
tDL
4
16
ns
DACDAT setup time to BCLK rising edge
tDST
22
ns
DACDAT hold time to BCLK falling edge
tDHT
25
ns
Table 1 Master Mode Audio Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com