Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8523 Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8523
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8523 Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8523 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
WM8523
Production Data
w
PD, Rev 4.1, August 2011
30
Ramp Volume Changes
If ramp volume changes are selected, the ramp rate is dependent upon the sampling rate. The ramp
rates for common audio sample rates are shown in Table 15.
SAMPLE RATE FOR DAC (kHz)
GAIN RAMP RATE
(ms/dB)
8
1
32
0.25
44.1
0.18
48
0.17
88.2
0.1
96
0.08
176.4
0.05
192
0.04
Table 15 Volume Ramp Rate
For example, when using a sample rate of 48kHz, the time taken for a volume change from an initial
setting of 0dB to -20dB is calculated as follows:
Volume Change (dB) x Volume Ramp Rate (ms/dB) = 20 x 0.17 = 3.4ms
Zero cross is not used when ramping. The volume level in the DAC is set by the user in 0.25dB
increments, but during the volume ramp increments of 0.125dB are actually used. This step size is
inaudible and means there is no requirement to wait until a zero crossing occurs. Another benefit of not
using zero cross when ramping is that predictable ramp times are produced – there is no signal
dependency on the ramp time.
Step Volume Changes and Zero Cross
The step volume control includes optional zero cross functionality. When zero cross is enabled, by
setting DAC_ZCEN=1, volume changes are not applied until the signal crosses zero so no discontinuity
is seen in the output signal. Zero cross helps to prevent pop and click noise when changing volume
settings and is therefore recommended if using step volume changes.
The zero cross function includes a timeout which forces volume changes if a zero cross event does not
occur. The timeout period is 14400 samples, equivalent to 300ms at 48kHz sample rate.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5
DAC_CTRL3
05h
4
DAC_
ZCEN
0
Zero Cross Enable
0 = Do not use zero cross
1 = Use zero cross
Table 16 Zero Cross Control
Table 17 gives a summary of the volume mode settings and their effect.
DAC_VOL_
UP_RAMP
DAC_VOL_
DOWN_RAMP
DAC_ZCEN
VOLUME CHANGE
UP
VOLUME CHANGE
DOWN
0
0
0
Step, no zero cross
Step, no zero cross
0
1
0
Step, no zero cross
Ramp
1
0
0
Ramp
Step, no zero cross
1
1
0
Ramp
Ramp
0
0
1
Step, use zero cross
Step, use zero cross
0
1
1
Step, use zero cross
Ramp
1
0
1
Ramp
Step, use zero cross
1
1
1
Ramp
Ramp
Table 17 Volume Change Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com